Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP6412AN Datasheet(PDF) 6 Page - ON Semiconductor

Part # NTP6412AN
Description  N-Channel Power MOSFET 100 V, 58 A, 18.2 m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP6412AN Datasheet(HTML) 6 Page - ON Semiconductor

  NTP6412AN Datasheet HTML 1Page - ON Semiconductor NTP6412AN Datasheet HTML 2Page - ON Semiconductor NTP6412AN Datasheet HTML 3Page - ON Semiconductor NTP6412AN Datasheet HTML 4Page - ON Semiconductor NTP6412AN Datasheet HTML 5Page - ON Semiconductor NTP6412AN Datasheet HTML 6Page - ON Semiconductor NTP6412AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NTB6412AN, NTP6412AN
http://onsemi.com
6
PACKAGE DIMENSIONS
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
SEATING
PLANE
S
G
D
−T−
M
0.13 (0.005)
T
23
1
4
3 PL
K
J
H
V
E
C
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.340
0.380
8.64
9.65
B
0.380
0.405
9.65
10.29
C
0.160
0.190
4.06
4.83
D
0.020
0.035
0.51
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.080
0.110
2.03
2.79
J
0.018
0.025
0.46
0.64
K
0.090
0.110
2.29
2.79
S
0.575
0.625
14.60
15.88
V
0.045
0.055
1.14
1.40
−B−
M
B
W
W
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 418B−01 THRU 418B−03 OBSOLETE,
NEW STANDARD 418B−04.
F
0.310
0.350
7.87
8.89
L
0.052
0.072
1.32
1.83
M
0.280
0.320
7.11
8.13
N
0.197 REF
5.00 REF
P
0.079 REF
2.00 REF
R
0.039 REF
0.99 REF
M
L
F
M
L
F
M
L
F
VARIABLE
CONFIGURATION
ZONE
R
N
P
U
VIEW W−W
VIEW W−W
VIEW W−W
12
3
D2PAK 3
CASE 418B−04
ISSUE K
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8.38
5.080
DIMENSIONS: MILLIMETERS
PITCH
2X
16.155
1.016
2X
10.49
3.504


Similar Part No. - NTP6412AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP6412AN ONSEMI-NTP6412AN Datasheet
147Kb / 7P
   N-Channel Power MOSFET
January, 2012 ??Rev. 1
NTP6412ANG ONSEMI-NTP6412ANG Datasheet
147Kb / 7P
   N-Channel Power MOSFET
January, 2012 ??Rev. 1
NTP6412ANG ONSEMI-NTP6412ANG Datasheet
87Kb / 7P
   N-Channel Power MOSFET
January, 2015 ??Rev. 2
More results

Similar Description - NTP6412AN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD6416ANL ONSEMI-NTD6416ANL Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 19 A, 74 m廓
October, 2009 ??Rev. 0
NTB6410AN ONSEMI-NTB6410AN Datasheet
150Kb / 7P
   N-Channel Power MOSFET 100 V, 76 A, 13 m廓
December, 2009 ??Rev. 0
NTB6413AN ONSEMI-NTB6413AN Datasheet
149Kb / 7P
   N-Channel Power MOSFET 100 V, 42 A, 28 m廓
November, 2009 ??Rev. 1
NTD6415AN ONSEMI-NTD6415AN Datasheet
143Kb / 7P
   N-Channel Power MOSFET 100 V, 23 A, 55 m廓
November, 2009 ??Rev. 0
NTB6411AN ONSEMI-NTB6411AN Datasheet
145Kb / 7P
   N-Channel Power MOSFET 100 V, 72 A, 14 m廓
October, 2009 ??Rev. 0
NTD6414AN ONSEMI-NTD6414AN Datasheet
142Kb / 7P
   N-Channel Power MOSFET 100 V, 32 A, 37 m廓
November, 2009 ??Rev. 0
logo
Fairchild Semiconductor
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FDMC86116LZ FAIRCHILD-FDMC86116LZ Datasheet
347Kb / 7P
   N-Channel Power Trench MOSFET 100 V, 7.5 A, 103 m廓
FDMS8622 FAIRCHILD-FDMS8622 Datasheet
278Kb / 7P
   N-Channel Power Trench짰 MOSFET 100 V, 16.5 A, 56 m廓
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com