Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH477Z4-BG1 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AH477Z4-BG1
Description  SINGLE PHASE HALL EFFECT LATCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH477Z4-BG1 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AH477Z4-BG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AH477Z4-BG1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SINGLE PHASE HALL EFFECT LATCH
AH477
6
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Magnetic Hysteresis Characteristics
Figure 6. Supply Current vs. Supply Voltage
Figure 5. DOB Output vs. Magnetism
Figure 7. Supply Current vs. Ambient Temperature
Figure 4. DO Output vs. Magnetism
-100
-50
0
50
100
0
2
4
6
8
10
12
14
Magnetism (GS)
Typical Performance Characteristics
-100
-50
0
50
100
0
2
4
6
8
10
12
14
Magnetism (GS)
2
4
6
8
10
12
14
16
18
20
4
6
8
10
12
14
16
V
CC (V)
T
A=25
oC
-20
0
20
40
60
80
0
4
8
12
16
20
T
A (
oC)
V
CC=14V


Similar Part No. - AH477Z4-BG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH477Z4-BE1 BCDSEMI-AH477Z4-BE1 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
More results

Similar Description - AH477Z4-BG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com