Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH477 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH477
Description  SINGLE PHASE HALL EFFECT LATCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH477 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH477_09 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH477_09 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SINGLE PHASE HALL EFFECT LATCH
AH477
1
Oct. 2009 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AH477 is an integrated Hall sensor with H-
bridged output driver designed for brushless DC motor
applications. The device includes an on-chip Hall sen-
sor for magnetic sensing, an amplifier that amplifies
the Hall voltage, a comparator to provide switching
hysteresis for noise rejection, a bi-directional drivers
for sinking and driving large current load. It also
includes an internal bandgap regulator to provide tem-
perature compensated bias for internal circuits and
allows a wide operating supply voltage range.
Placing the device in a variable magnetic field, if the
magnetic flux density is larger than threshold BOP, the
DO is turned to sink and DOB is turned to drive. This
output state is held until the magnetic flux density
reverses and falls below BRP, then causes DO to be
turned to drive and DOB turned to sink.
AH477 is available in TO-94 (SIP-4L) package.
Features
·
On-Chip Hall Sensor
·
Operating Voltage: 3.5V to 18V
·
H-Bridge Output Drivers for Single Coil
·
Internal Bandgap Regulator for Temperature
Compensation
·
Low Output Switching Current Noise
·
-20oC to 85oC Operating Temperature
·
Low Profile TO-94 (SIP-4L) Package
·
ESD Rating: 3000V (Human Body Model)
Applications
·
Single-Coil Brushless DC Motor
·
Single-Coil Brushless DC Fan
Figure 1. Package Type of AH477
TO-94


Similar Part No. - AH477_09

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477AZ4-AG1 BCDSEMI-AH477AZ4-AG1 Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477AZ4-AG1 DIODES-AH477AZ4-AG1 Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477AZ4-BG1 BCDSEMI-AH477AZ4-BG1 Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
More results

Similar Description - AH477_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375_1 Datasheet
183Kb / 6P
   Single Phase Hall Effect Latch
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com