Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NST848BF3T5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NST848BF3T5G
Description  NPN General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NST848BF3T5G Datasheet(HTML) 2 Page - ON Semiconductor

  NST848BF3T5G Datasheet HTML 1Page - ON Semiconductor NST848BF3T5G Datasheet HTML 2Page - ON Semiconductor NST848BF3T5G Datasheet HTML 3Page - ON Semiconductor NST848BF3T5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NST848BF3T5G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (IC = 10 mA)
V(BR)CEO
30
V
Collector−Emitter Breakdown Voltage (IC = 10 mA, VEB = 0)
V(BR)CES
30
V
Collector−Base Breakdown Voltage (IC = 10 mA)
V(BR)CBO
30
V
Emitter−Base Breakdown Voltage (IE = 1.0 mA)
V(BR)EBO
5.0
V
Collector Cutoff Current
(VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
hFE
200
150
290
450
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector−Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base −Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base −Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base −Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base −Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Input Capacitance (VEB = 0.5 V, IC = 0 mA, f = 1.0 MHz)
Cibo
10
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
100
0
0.0001
0.02
IC, COLLECTOR CURRENT (A)
Figure 1. Collector Emitter Saturation Voltage vs.
Collector Current
Figure 2. DC Current Gain vs. Collector Current
0.18
0.0001
0.01
IC, COLLECTOR CURRENT (A)
0.04
0.001
0.06
500
600
0.08
0.10
IC/IB = 10
VCE(sat) = 150°C
0.1
0.01
0.001
25°C
−55°C
400
300
200
0.1
150°C (5.0 V)
150°C (1.0 V)
25°C (5.0 V)
25°C (1.0 V)
−55°C (5.0 V)
−55°C (1.0 V)
0.12
0.14
0.16


Similar Part No. - NST848BF3T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST848BF3T5G ONSEMI-NST848BF3T5G Datasheet
97Kb / 4P
   NPN General Purpose Transistor
July, 2012 ??Rev. 1
NST848BF3T5G ONSEMI-NST848BF3T5G_12 Datasheet
97Kb / 4P
   NPN General Purpose Transistor
July, 2012 ??Rev. 1
More results

Similar Description - NST848BF3T5G

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com