Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSS20101JT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NSS20101JT1G
Description  20 V, 1.0 A, Low VCE(sat) NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS20101JT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NSS20101JT1G Datasheet HTML 1Page - ON Semiconductor NSS20101JT1G Datasheet HTML 2Page - ON Semiconductor NSS20101JT1G Datasheet HTML 3Page - ON Semiconductor NSS20101JT1G Datasheet HTML 4Page - ON Semiconductor NSS20101JT1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NSS20101J
http://onsemi.com
5
PACKAGE DIMENSIONS
CASE 463C−03
ISSUE C
SC−89, 3 LEAD
G
M
0.08 (0.003)
X
D 3 PL
J
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE
MATERIAL.
4. 463C−01 OBSOLETE, NEW STANDARD 463C−02.
A
B
Y
12
3
N
2 PL
K
C
−T− SEATING
PLANE
DIM
A
MIN
NOM
MIN
NOM
INCHES
1.50
1.60
1.70 0.059
MILLIMETERS
B
0.75
0.85
0.95 0.030
C
0.60
0.70
0.80 0.024
D
0.23
0.28
0.33 0.009
G
0.50 BSC
H
0.53 REF
J
0.10
0.15
0.20 0.004
K
0.30
0.40
0.50 0.012
L
1.10 REF
M
−−−
−−−
10
−−−
N
−−−
−−−
10
−−−
S
1.50
1.60
1.70 0.059
0.063 0.067
0.034 0.040
0.028 0.031
0.011 0.013
0.020 BSC
0.021 REF
0.006 0.008
0.016 0.020
0.043 REF
−−−
10
−−−
10
0.063 0.067
MAX
MAX
_
_
_
_
M
H
H
L
G
S
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NSS20101J/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NSS20101JT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20101JT1G ONSEMI-NSS20101JT1G Datasheet
111Kb / 6P
   NPN Transistor
May, 2013 ??Rev. 3
More results

Similar Description - NSS20101JT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS20201LT1G ONSEMI-NSS20201LT1G_11 Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6
NSS20201MR6T1G ONSEMI-NSS20201MR6T1G Datasheet
38Kb / 4P
   20 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. P1
NSS20201LT1G ONSEMI-NSS20201LT1G Datasheet
131Kb / 5P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS20201MR6T1G ONSEMI-NSS20201MR6T1G_06 Datasheet
47Kb / 4P
   20 V, 3 A, Low VCE(sat) NPN Transistor
January, 2006 ??Rev. 0
NSS20501UW3T2G ONSEMI-NSS20501UW3T2G Datasheet
88Kb / 5P
   20 V, 7.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 2
NSS20601CF8T1G ONSEMI-NSS20601CF8T1G Datasheet
88Kb / 6P
   20 V, 8.0 A, Low VCE(sat) NPN Transistor
May, 2007 - Rev. 1
NSS20600CF8T1G ONSEMI-NSS20600CF8T1G Datasheet
102Kb / 5P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS20200LT1G ONSEMI-NSS20200LT1G Datasheet
102Kb / 5P
   20 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS20500UW3T2G ONSEMI-NSS20500UW3T2G Datasheet
61Kb / 6P
   20 V, 7.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0
NSS20300MR6T1G ONSEMI-NSS20300MR6T1G_09 Datasheet
134Kb / 5P
   20 V, 5 A, Low VCE(sat) PNP Transistor
April, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com