Part Name
         Description
NS5S1153MUTAG

 DPDT USB 2.0 High Speed / Audio Switch with Negative Swing Capability ( 9 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 5 page
background image
NS5S1153
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS
TIMING/FREQUENCY (Typical: T = 25°C, VCC = 3.3 V, RL = 50 W, CL = 35 pF, f = 1 MHz)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−405C to +855C
Unit
Min
Typ
Max
tON
Turn−ON Time (Closed to Open)
(Figures 8 and 9)
2.7 − 4.2
14
ms
tOFF
Turn−OFF Time (Closed to
Open) (Figures 8 and 9)
2.7 − 4.2
75
ns
TBBM
Break−Before−Make Time
(Figure 7)
7.0
ms
BW
D+ to COM+
D− to COM−
−3 dB Bandwidth (Figure 10)
CL = 5 pF
RS = 50 W
900
MHz
ISOLATION (Typical: T = 25°C, VCC = 3.3 V, RL = 50 W, CL = 5 pF)
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−405C to +855C
Unit
Min
Typ
Max
OIRR
Open
OFF−Isolation (Figure 10)
f = 100 kHz,
RS = 50 W
−81
dB
XTALK
COM+ to
COM−
Non−Adjacent Channel
Crosstalk (Figure 10)
f = 100 kHz,
RS = 50 W
−93
dB
THD+N
Total Harmonic Distortion +
Noise
VBUS_CTRL = 0 V
ASEL = 3.0 V
f = 20 Hz to 20 kHz
VCOM = 0.5 Vpp
RL = 600 W
3.0
0.001
%
THD
Total Harmonic Distortion
VBUS_CTRL = 0 V
ASEL = 0 V, 3.6 V
f = 1 kHz
VCOM = ±2.0 Vpp
RL = 16 W
3.6
0.01
%
PSRR
Power Supply Rejection Ratio
f = 10 kHz
RCOM = 50 W
3.0
60
dB
CAPACITANCE (Typical: T = 25°C, VCC = 3.3 V, RL = 50 W, CL = 5 pF, f = 1 MHz, ASEL = 0 V)
Symbol
Pins
Parameter
Test Conditions
−405C to +855C
Unit
Min
Typ
Max
CIN
ASEL
Control Pin Input Capacit-
ance
VCC = 0 V
2.6
pF
CON
D+ to COM+
D− to COM−
USB ON Capacitance
VBUS_CTRL = 5 V
6.9
pF
CON
R to COM+
L to COM−
Audio ON Capacitance
VBUS_CTRL = 0 V
9.3
pF
COFF
D+, D−
USB OFF Capacitance
VBUS_CTRL = 0 V
4.8
pF
COFF
R, L
Audio OFF Capacitance
VBUS_CTRL = 5 V
4.8
pF



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl