Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS5S1153 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NS5S1153
Description  DPDT USB 2.0 High Speed / Audio Switch with Negative Swing Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NS5S1153 Datasheet(HTML) 1 Page - ON Semiconductor

  NS5S1153 Datasheet HTML 1Page - ON Semiconductor NS5S1153 Datasheet HTML 2Page - ON Semiconductor NS5S1153 Datasheet HTML 3Page - ON Semiconductor NS5S1153 Datasheet HTML 4Page - ON Semiconductor NS5S1153 Datasheet HTML 5Page - ON Semiconductor NS5S1153 Datasheet HTML 6Page - ON Semiconductor NS5S1153 Datasheet HTML 7Page - ON Semiconductor NS5S1153 Datasheet HTML 8Page - ON Semiconductor NS5S1153 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2009
December, 2009 − Rev. 0
1
Publication Order Number:
NS5S1153/D
NS5S1153
DPDT USB 2.0 High Speed /
Audio Switch with Negative
Swing Capability
The NS5S1153 is a DPDT switch for combined true−ground audio
and USB 2.0 high speed data applications. It allows portable systems
to use a single port to pass either USB data or audio signals from an
external headset. The switch is capable of passing signals with
negative voltages as low as 2 V below ground. The NS5S1153 is also
equipped with VBUS detection circuitry to immediately switch to USB
mode in the event that a voltage is detected on VBUS.
The NS5S1153 features shunt resistors on the audio ports. These
resistors are switched in when the audio channel is off and provide a
safe path to ground for any charge that may build up on the audio lines.
This reduces Pop & Click noise in the audio system. The device has an
extended VCC range which can operate off VCC up to 4.2 V while
passing true ground audio signals down to −2 V.
Features
Low RON Audio /Data DPDT Switch
Capable of Passing Negative Swing Signals Down to −2 V
1.8 V Compatible Control Pin for 2.7 V ≤ VCC ≤ 4.2 V
High USB Path Bandwidth (>900 MHz)
VBUS Detection Circuitry for Automatic Switching Between Audio
and USB Modes
Audio Channel Shunt Resistors for Pop & Click Noise Reduction
Ultra−Low THD in Audio Mode: 0.01% into 16 W Load
5.25 V Tolerant Common Pins
This is a Pb−Free Device
Typical Applications
Shared USB/Audio Connector
Mobile Phones
Portable Devices
NS5S1153
USB
XCVR
Audio
Amp
USB/Audio
Connector
GND
COM−
COM+
VBUS_CTRL
L
R
D−
D+
Figure 1. Application Diagram
http://onsemi.com
http://onsemi.com
AJ
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING
DIAGRAMS
UQFN10
CASE 488AT
AJM G
G
1
Device
Package
Shipping
ORDERING INFORMATION
NS5S1153MUTAG UQFN10
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Similar Part No. - NS5S1153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
NS5S1153MUTAG ONSEMI-NS5S1153MUTAG Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
More results

Similar Description - NS5S1153

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
NCN1154 ONSEMI-NCN1154 Datasheet
369Kb / 8P
   DP3T USB 2.0 High Speed / Audio Switch with Negative Swing Capability
June, 2010 ??Rev. 1
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
NXP Semiconductors
NX5L2750C PHILIPS-NX5L2750C_15 Datasheet
161Kb / 16P
   Analog switch with negative swing audio capability
Rev. 2-7 May 2014
NX5L2750CGU NXP-NX5L2750CGU Datasheet
238Kb / 16P
   Analog switch with negative swing audio capability
Rev.2.1-12February2020
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
FSA2276 ONSEMI-FSA2276 Datasheet
456Kb / 11P
   DPDT HiFi Audio Switch w/ Negative Swing
June 2016 Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com