Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP-SAMC Datasheet(PDF) 3 Page - ON Semiconductor

Part # NP-SAMC
Description  50A, Ultra Low Capacitance TSPD
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NP-SAMC Datasheet(HTML) 3 Page - ON Semiconductor

  NP-SAMC Datasheet HTML 1Page - ON Semiconductor NP-SAMC Datasheet HTML 2Page - ON Semiconductor NP-SAMC Datasheet HTML 3Page - ON Semiconductor NP-SAMC Datasheet HTML 4Page - ON Semiconductor NP-SAMC Datasheet HTML 5Page - ON Semiconductor NP-SAMC Datasheet HTML 6Page - ON Semiconductor NP-SAMC Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NP−SAMC Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS TABLE (TA = 25°C unless otherwise noted)
Symbol
Rating
Min
Typ
Max
Unit
V(BO)
Breakover voltage: The maximum voltage across the device in or at the
breakdown region.
VDC = 1000 V, dv/dt = 100 V/ms
NP0640SAMCT3G
$77
V
NP0720SAMCT3G
$88
NP0900SAMCT3G
$98
NP1100SAMCT3G
$130
NP1300SAMCT3G
$160
NP1500SAMCT3G
$180
NP1800SAMCT3G
$220
NP2100SAMCT3G
$240
NP2300SAMCT3G
$260
NP2600SAMCT3G
$300
NP3100SAMCT3G
$350
NP3500SAMCT3G
$400
I(BO)
Breakover Current: The instantaneous current flowing at the breakover voltage.
800
mA
IH
Holding Current: The minimum current required to maintain the device in the on−state.
150
mA
IDRM
Off−state Current: The dc value of current that results from the applica-
tion of the off−state voltage
VD = 50 V
2
mA
VD = VDRM
5
VT
On−state Voltage: The voltage across the device in the on−state condition.
IT = 2.2 A (pk), PW = 300 ms, DC = 2%
4
V
dv/dt
Critical rate of rise of off−state voltage: The maximum rate of rise of voltage (below VDRM) that
will not cause switching from the off−state to the on−state.
Linear Ramp between 0.1 VDRM and 0.9 VDRM
±5
kV/ms
di/dt
Critical rate of rise of on−state current: rated value of the rate of rise of current which the device
can withstand without damage.
±500
A/ms
CO
Off−state Capacitance
f = 1.0 MHz, Vd = 1.0 VRMS, VD = −2 Vdc
NP0640SAMCT3G
18
pF
NP0720SAMCT3G
18
NP0900SAMCT3G
18
NP1100SAMCT3G
18
NP1300SAMCT3G
18
NP1500SAMCT3G
18
NP1800SAMCT3G
18
NP2100SAMCT3G
18
NP2300SAMCT3G
18
NP2600SAMCT3G
18
NP3100SAMCT3G
18
NP3500SAMCT3G
18
THERMAL CHARACTERISTICS
Symbol
Rating
Value
Unit
TSTG
Storage Temperature Range
−65 to +150
°C
TJ
Junction Temperature
−40 to +150
°C
R0JA
Thermal Resistance: Junction−to−Ambient Per EIA/JESD51−3, PCB = FR4 3”x4.5”x0.06”
Fan out in a 3x3 inch pattern, 2 oz copper track.
90
°C/W


Similar Part No. - NP-SAMC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP-SDMC ONSEMI-NP-SDMC Datasheet
135Kb / 6P
   High Current TSPD
August, 2009 ??Rev. 0
More results

Similar Description - NP-SAMC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NP0640SCMCT3G ONSEMI-NP0640SCMCT3G Datasheet
139Kb / 7P
   100A, Ultra Low Capacitance TSPD
April, 2009 ??Rev. 3
NP0640SBMCT3G ONSEMI-NP0640SBMCT3G Datasheet
135Kb / 7P
   80A, Ultra Low Capacitance TSPD
September, 2008 ??Rev. 1
logo
Yea Shin Technology Co....
YSULCXXDT3 YEASHIN-YSULCXXDT3 Datasheet
188Kb / 3P
   ULTRA LOW CAPACITANCE
logo
SeCoS Halbleitertechnol...
SGESD2201-33 SECOS-SGESD2201-33 Datasheet
232Kb / 3P
   Ultra Low Capacitance
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
NXP Semiconductors
PESD5V0L1BSF NXP-PESD5V0L1BSF Datasheet
167Kb / 13P
   Ultra low profile bidirectional low capacitance
Rev. 1-18 February 2011
logo
Protek Devices
PAM19DF2L0521P PROTEC-PAM19DF2L0521P Datasheet
473Kb / 6P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
Alpha & Omega Semicondu...
AOZ8804A AOSMD-AOZ8804A Datasheet
574Kb / 11P
   Ultra-Low Capacitance TVS Diode
AOZ8818 AOSMD-AOZ8818 Datasheet
375Kb / 8P
   Ultra-Low Capacitance TVS Diode
logo
Protek Devices
PDLC05 PROTEC-PDLC05_12 Datasheet
597Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com