Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX3G16AMX1TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLX3G16AMX1TCG
Description  Triple Non-Inverting Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX3G16AMX1TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NLX3G16AMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX3G16AMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX3G16AMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX3G16AMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX3G16AMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX3G16AMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX3G16AMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX3G16AMX1TCG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NLX3G16
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
−0.5 to +7.0
V
IIK
DC Input Diode Current
VIN < GND
−50
mA
IOK
DC Output Diode Current
VOUT < GND
−50
mA
IO
DC Output Source/Sink Current
±50
mA
ICC
DC Supply Current Per Supply Pin
±100
mA
IGND
DC Ground Current per Ground Pin
±100
mA
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen
Index: 28 to 34
UL 94 V−0 @ 0.125 in
ILATCHUP
Latchup Performance Above VCC and Below GND at 125 °C (Note 5)
±500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/UESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA / JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Positive DC Supply Voltage
1.65
5.5
V
VIN
Digital Input Voltage
0
5.5
V
VOUT
Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 1.8 V ± 0.18
VCC = 2.5 V ± 0.2 V
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
0
0
20
20
10
5
ns/V


Similar Part No. - NLX3G16AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16 Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16DMUTCG ONSEMI-NLX3G16DMUTCG Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16EMUTCG ONSEMI-NLX3G16EMUTCG Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16FMUTCG ONSEMI-NLX3G16FMUTCG Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLX3G16 ONSEMI-NLX3G16_16 Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
More results

Similar Description - NLX3G16AMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX3G16 ONSEMI-NLX3G16_16 Datasheet
72Kb / 8P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 2
NLU3G16 ONSEMI-NLU3G16 Datasheet
99Kb / 8P
   Triple Non-Inverting Buffer
March, 2008 - Rev. 2
NLU3G16 ONSEMI-NLU3G16_16 Datasheet
83Kb / 9P
   Triple Non-Inverting Buffer
July, 2016 ??Rev. 5
NLU3G17 ONSEMI-NLU3G17 Datasheet
102Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. 2
NLX3G17 ONSEMI-NLX3G17 Datasheet
100Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
March, 2008 - Rev. P1
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
   Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com