Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2GU04 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLX2GU04
Description  Dual Unbuffered Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2GU04 Datasheet(HTML) 1 Page - ON Semiconductor

  NLX2GU04 Datasheet HTML 1Page - ON Semiconductor NLX2GU04 Datasheet HTML 2Page - ON Semiconductor NLX2GU04 Datasheet HTML 3Page - ON Semiconductor NLX2GU04 Datasheet HTML 4Page - ON Semiconductor NLX2GU04 Datasheet HTML 5Page - ON Semiconductor NLX2GU04 Datasheet HTML 6Page - ON Semiconductor NLX2GU04 Datasheet HTML 7Page - ON Semiconductor NLX2GU04 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2008
March, 2008 - Rev. 0
1
Publication Order Number:
NLX2GU04/D
NLX2GU04
Dual Unbuffered Inverter
The NLX2GU04 MiniGate
t is an advanced high-speed CMOS
dual unbuffered inverter in ultra-small footprint.
This device is well suited for use in oscillator, pulse-shaping and
high input impedance amplifier applications. For digital applications,
the NLX2G04 is recommended.
The NLX2GU04 input and output structures provide protection
when voltages up to 7.0 V are applied, regardless of the supply
voltage.
Features
Designed for 1.65 V to 5.5 V VCC Operation
Unbuffered for Crystal Oscillator and Analog Applications
16 mA Balanced Output Source and Sink Capability
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra-Small Packages
These are Pb-Free Devices
IN A2
OUT Y2
1
OUT Y2
IN A1
GND
OUT Y1
IN A2
1
2
3
5
4
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
6
VCC
IN A1
OUT Y2
1
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
1
2
3IN A2
IN A1
GND
4
5VCC
OUT Y2
FUNCTION TABLE
L
H
AY
H
L
6
OUT Y1
L
= Device Marking
M
= Date Code
1
1
1
ULLGA6
1.0 x 1.0
CASE 613AD
ULLGA6
1.2 x 1.0
CASE 613AE
ULLGA6
1.45 x 1.0
CASE 613AF
MARKING
DIAGRAMS
M
M
M


Similar Part No. - NLX2GU04

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G00 ONSEMI-NLX2G00 Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00AMX1TCG ONSEMI-NLX2G00AMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00BMX1TCG ONSEMI-NLX2G00BMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00CMX1TCG ONSEMI-NLX2G00CMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G02 ONSEMI-NLX2G02 Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
More results

Similar Description - NLX2GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC2GU04 NXP-74HC2GU04 Datasheet
93Kb / 15P
   Dual unbuffered inverter
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74LVC2GU04 NEXPERIA-74LVC2GU04 Datasheet
252Kb / 15P
   Dual unbuffered inverter
Rev. 13 - 20 January 2022
74HC2GU04_Q100 NEXPERIA-74HC2GU04_Q100 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
74HC2GU04-Q100 NEXPERIA-74HC2GU04-Q100 Datasheet
760Kb / 16P
   Dual unbuffered inverter
logo
NXP Semiconductors
74HC2GU04 PHILIPS-74HC2GU04_15 Datasheet
169Kb / 16P
   Dual unbuffered inverter
Rev. 2-20 August 2014
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04 Datasheet
145Kb / 8P
   Dual Unbuffered Inverter
August, 2009 ??Rev. 3
logo
Nexperia B.V. All right...
74LVC2GU04-Q100 NEXPERIA-74LVC2GU04-Q100 Datasheet
226Kb / 13P
   Dual unbuffered inverter
74HC2GU04 NEXPERIA-74HC2GU04 Datasheet
239Kb / 15P
   Dual unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
NLU2GU04 ONSEMI-NLU2GU04_16 Datasheet
76Kb / 8P
   Dual Unbuffered Inverter
July, 2016 ??Rev. 5
NL27WZU04 ONSEMI-NL27WZU04_12 Datasheet
122Kb / 6P
   Dual Unbuffered Inverter
June, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com