Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G86 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NLX2G86
Description  Dual 2-Input Exclusive-OR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G86 Datasheet(HTML) 3 Page - ON Semiconductor

  NLX2G86 Datasheet HTML 1Page - ON Semiconductor NLX2G86 Datasheet HTML 2Page - ON Semiconductor NLX2G86 Datasheet HTML 3Page - ON Semiconductor NLX2G86 Datasheet HTML 4Page - ON Semiconductor NLX2G86 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NLX2G86
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
VCC
(V)
TA = 255C
*405C v TA v 855C
Unit
Condition
Min
Typ
Max
Min
Max
VIH
High−Level Input
Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input
Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
VOH
High−Level Output
Voltage
VIN = VIH
1.65
1.8
2.3
3.0
4.5
1.55
1.7
2.2
2.9
4.4
1.65
1.8
2.3
3.0
4.5
1.55
1.7
2.2
2.9
4.4
V
IOH = −100 mA
1.65
2.3
3.0
3.0
4.5
1.29
1.9
2.4
2.3
3.8
1.52
2.15
2.80
2.68
4.20
1.29
1.9
2.4
2.3
3.8
V
IOH = −4 mA
IOH = −8 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
VOL
Low−Level Output
Voltage
VIN = VIL
1.65
1.8
2.3
3.0
4.5
0.0
0.0
0.0
0.0
0.0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
IOL = 100 mA
1.65
2.3
3.0
3.0
4.5
0.08
0.10
0.15
0.22
0.22
0.24
0.30
0.40
0.55
0.55
0.24
0.30
0.40
0.55
0.55
V
IOL = 4 mA
IOL = 8 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
IIN
Input Leakage Current
0 to 5.5
$1.0
$1.0
mA
0 V v VIN v 5.5 V
IOFF
Power Off Leakage
Current
0.0
1.0
10
mA
VIN or VOUT = 5.5 V
ICC
Quiescent Supply
Current
1.65 to 5.5
1.0
10
mA
VIN = 5.5 V, GND
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
VCC
TA = 25_C
*40_C v TA v 125_C
Symbol
Parameter
Condition
(V)
Min
Typ
Max
Min
Max
Unit
tPLH
tPHL
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.8 $ 0.15
2.0
7.9
9.0
2.0
10.5
ns
RL = 1 MW, CL = 15 pF
2.5 $ 0.2
1.2
4.1
7.0
1.2
7.5
RL = 1 MW, CL = 15 pF
3.3 $ 0.3
0.8
3.0
4.8
0.8
5.2
RL = 500 W, CL = 50 pF
1.2
3.8
5.4
1.2
5.9
RL = 1 MW, CL = 15 pF
5.0 $ 0.5
0.5
2.2
3.5
0.5
3.8
RL = 500 W, CL = 50 pF
0.8
2.9
4.2
1.0
4.6
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance
(Note 6)
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
9
pF
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
11
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no−load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.


Similar Part No. - NLX2G86

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G00 ONSEMI-NLX2G00 Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00AMX1TCG ONSEMI-NLX2G00AMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00BMX1TCG ONSEMI-NLX2G00BMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G00CMX1TCG ONSEMI-NLX2G00CMX1TCG Datasheet
142Kb / 7P
   Dual 2-Input NAND Gate
December, 2009 ??Rev. 0
NLX2G02 ONSEMI-NLX2G02 Datasheet
144Kb / 7P
   Dual 2-Input NOR Gate
December, 2009 ??Rev. 0
More results

Similar Description - NLX2G86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2G86 NXP-74LVC2G86 Datasheet
87Kb / 15P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 05-7 September 2007
logo
Texas Instruments
SN74AUC2G86 TI-SN74AUC2G86 Datasheet
231Kb / 10P
[Old version datasheet]   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
Nexperia B.V. All right...
74LVC2G86 NEXPERIA-74LVC2G86 Datasheet
285Kb / 18P
   Dual 2-input EXCLUSIVE-OR gate
Rev. 15 - 21 June 2022
logo
NXP Semiconductors
74HC2G86 PHILIPS-74HC2G86 Datasheet
85Kb / 17P
   Dual 2-input exclusive-OR gate
2003 Jul 28
74LVC2G86 PHILIPS-74LVC2G86 Datasheet
82Kb / 15P
   Dual 2-input exclusive-OR gate
Rev. 03-7 February 2005
logo
Texas Instruments
SN74LVC2G86 TI1-SN74LVC2G86 Datasheet
918Kb / 17P
[Old version datasheet]   Dual 2-Input Exclusive-OR Gate
logo
Nexperia B.V. All right...
74LVC2G86-Q100 NEXPERIA-74LVC2G86-Q100 Datasheet
785Kb / 14P
   Dual 2-input EXCLUSIVE-OR gate
logo
ON Semiconductor
NL27WZ86 ONSEMI-NL27WZ86_V01 Datasheet
353Kb / 9P
   Dual 2-Input Exclusive-OR Gate
October, 2020 - Rev. 9
logo
Diodes Incorporated
74LVC2G86 DIODES-74LVC2G86 Datasheet
510Kb / 11P
   DUAL 2-INPUT EXCLUSIVE-OR GATE
logo
STMicroelectronics
74V2G86 STMICROELECTRONICS-74V2G86 Datasheet
132Kb / 7P
   DUAL 2-INPUT EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com