Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX2G16BMX1TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLX2G16BMX1TCG
Description  Dual Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX2G16BMX1TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NLX2G16BMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX2G16BMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX2G16BMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX2G16BMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX2G16BMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX2G16BMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX2G16BMX1TCG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NLX2G16
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = -555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay Input A to Output
1.65-1.95
RL = 1 MW,
CL = 15 pF
1.8
8.0
9.6
1.8
10.2
ns
2.3-2.7
RL = 1 MW,
CL = 15 pF
1.0
3.0
5.2
1.0
5.8
3.0-3.6
RL = 1 MW,
CL = 15 pF
0.8
2.3
3.6
0.8
4.0
RL = 500 W,
CL = 50 pF
1.2
3.0
4.6
1.2
5.1
4.5-5.5
RL = 1 MW,
CL = 15 pF
0.5
1.8
2.9
0.5
3.2
RL = 500 W,
CL = 50 pF
0.8
2.4
3.8
0.8
4.2
CIN
Input Capacitance
5.5
VIN = 0 V or VCC
7.0
pF
CPD
Power Dissipation Capacitance
(Note 6)
3.3
5.5
10 MHz
VIN = 0 V or VCC
9
11
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no-load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.
VCC
GND
50%
50% VCC
A or B
Y
tPHL
tPLH
Figure 3. Switching Waveforms
Figure 4. Test Circuit
PULSE
GENERATOR
RT
DUT
VCC
RL
CL
RT = ZOUT of pulse generator (typically 50 W)
ORDERING INFORMATION
Device
Package
Shipping
NLX2G16AMX1TCG
ULLGA6, 1.45 x 1.0, 0.5P
(Pb-Free)
3000 / Tape & Reel
NLX2G16BMX1TCG
ULLGA6, 1.2 x 1.0, 0.4P
(Pb-Free)
3000 / Tape & Reel
NLX2G16CMX1TCG
ULLGA6, 1.0 x 1.0, 0.35P
(Pb-Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NLX2G16BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NLX2G16AMUTCG ONSEMI-NLX2G16AMUTCG Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NLX2G16CMUTCG ONSEMI-NLX2G16CMUTCG Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NLX2G16MUTCG ONSEMI-NLX2G16MUTCG Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
More results

Similar Description - NLX2G16BMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_V01 Datasheet
480Kb / 14P
   Dual Buffer
March, 2022 - Rev. 12
logo
Diodes Incorporated
74LVC2G34 DIODES-74LVC2G34 Datasheet
245Kb / 10P
   DUAL BUFFER
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_15 Datasheet
156Kb / 7P
   Dual Buffer
logo
ON Semiconductor
NLX2G16 ONSEMI-NLX2G16_16 Datasheet
77Kb / 7P
   Dual Buffer
June, 2016 ??Rev. 7
NL27WZ16 ONSEMI-NL27WZ16 Datasheet
59Kb / 6P
   Dual Buffer
March, 2004 ??Rev. 2
NL27WZ16 ONSEMI-NL27WZ16_07 Datasheet
76Kb / 6P
   Dual Buffer
February, 2007 ??Rev. 5
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A Datasheet
74Kb / 9P
   DUAL BUFFER
logo
ON Semiconductor
NL27WZ16 ONSEMI-NL27WZ16_12 Datasheet
116Kb / 6P
   Dual Buffer
May, 2012 ??Rev. 9
logo
Renesas Technology Corp
HD74LV1GW16A RENESAS-HD74LV1GW16A_06 Datasheet
85Kb / 6P
   Dual Buffer
logo
Toshiba Semiconductor
TC7WT125FU TOSHIBA-TC7WT125FU Datasheet
178Kb / 4P
   DUAL BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com