Part Name
         Description
NLX2G04

 Dual Inverter ( 8 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
NLX2G04
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 nS)
Symbol
Parameter
VCC
(V)
Test
Condition
TA = 25 5C
TA = -555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Propagation Delay, Input A to Output Y
1.65
RL = 1 MW,
CL = 15 pF
1.8
2.3
9.2
1.8
11
ns
1.8
RL = 1 MW,
CL = 15 pF
1.8
4.4
7.6
1.2
8.4
2.3-2.7
RL = 1 MW,
CL = 15 pF
1.2
3.0
5.1
1.2
5.6
3.0-3.6
RL = 1 MW,
CL = 15 pF
0.8
2.2
3.4
0.8
3.8
RL = 500 W,
CL = 50 pF
1.2
2.9
4.5
1.2
5.0
4.5-5.5
RL = 1 MW,
CL = 15 pF
0.5
1.8
2.8
0.5
3.1
RL = 500 W,
CL = 50 pF
0.8
2.3
3.6
0.8
4.0
CIN
Input Capacitance
5.5
VIN = 0 V or VCC
2.5
pF
CPD
Power Dissipation Capacitance (Note 3)
3.3
5.5
10 MHz
VIN = 0 V or VCC
9
11
pF
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no-load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl