Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX1G97CMX1TCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLX1G97CMX1TCG
Description  Configurable Multifunction Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX1G97CMX1TCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLX1G97CMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 8Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 9Page - ON Semiconductor NLX1G97CMX1TCG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NLX1G97
http://onsemi.com
6
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC (V)
Test Condition
TA = 255C
TA v +855C
TA = -555C
to +125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
tPLH,
tPHL
Propagation Delay,
Any Input to Output
Y (See Test Circuit)
1.65 - 1.95
3.2
8.6
14.4
3.2
14.4
3.2
14.4
ns
2.3 - 2.7
2.0
5.1
8.3
2.0
8.3
2.0
8.3
3.0 - 3.6
1.5
3.9
6.3
1.5
6.3
1.5
6.3
4.5 - 5.5
1.1
3.3
5.1
1.1
5.1
1.1
5.1
CIN
Input Capacitance
3.5
pF
CPD
Power Dissipation
Capacitance
(Note 6)
5.0
f = 10 MHz
22
pF
6. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no-load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.
TEST CIRCUIT AND VOLTAGE WAVEFORMS
Figure 9. Load Circuit
RL
CL*
From Output
Under Test
GND
Open
VLOAD
RL
*CL includes probes and jig capacitance.
Test
S1
tPLH/tPHL
Open
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
VCC
Inputs
VM
VLOAD
CL
RL
VD
VI
tr/tf
1.8 V
$ 0.15 V
VCC
v 2 ns
VCC/2
2 x VCC
30 pF
1 k
W
0.15 V
2.5 V
$ 0.2 V
VCC
v 2 ns
VCC/2
2 x VCC
30 pF
500
W
0.15 V
3.3 V
$ 0.3 V
3 V
v 2.5 ns
1.5 V
6 V
50 pF
500
W
0.3 V
5.5 V
$ 0.5 V
VCC
v 2.5 ns
VCC/2
2 x VCC
50 pF
500
W
0.3 V


Similar Part No. - NLX1G97CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G97CMUTCG ONSEMI-NLX1G97CMUTCG Datasheet
92Kb / 10P
   Configurable Multifunction Gate
June, 2016 ??Rev. 4
More results

Similar Description - NLX1G97CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_16 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NL7SZ98 ONSEMI-NL7SZ98_V01 Datasheet
331Kb / 13P
   Configurable Multifunction Gate
October, 2020 - Rev. 6
NL7SZ97 ONSEMI-NL7SZ97_14 Datasheet
81Kb / 8P
   Configurable Multifunction Gate
July, 2014 ??Rev. 4
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
   Configurable Multifunction Gate
October, 2020 ??Rev. 5
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_18 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com