Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX1G99 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NLX1G99
Description  Configurable Multifunction Gate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX1G99 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NLX1G99 Datasheet HTML 7Page - ON Semiconductor NLX1G99 Datasheet HTML 8Page - ON Semiconductor NLX1G99 Datasheet HTML 9Page - ON Semiconductor NLX1G99 Datasheet HTML 10Page - ON Semiconductor NLX1G99 Datasheet HTML 11Page - ON Semiconductor NLX1G99 Datasheet HTML 12Page - ON Semiconductor NLX1G99 Datasheet HTML 13Page - ON Semiconductor NLX1G99 Datasheet HTML 14Page - ON Semiconductor NLX1G99 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
NLX1G99
http://onsemi.com
11
Figure 22. Load Circuit
RL
CL*
From Output
Under Test
GND
Open
VLOAD
RL
*CL includes probes and jig capacitance.
S1
Test
S1
tPLH/tPHL
Open
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
VCC
Inputs
VM
VLOAD
CL
RL
VD
VI
tr/tf
1.8 V $ 0.15 V
VCC
v 2 ns
VCC/2
2 x VCC
30 pF
1 kW
0.15 V
2.5 V $ 0.2 V
VCC
v 2 ns
VCC/2
2 x VCC
30 pF
500 W
0.15 V
3.3 V $ 0.3 V
3 V
v 2.5 ns
1.5 V
6 V
50 pF
500 W
0.3 V
5.5 V $ 0.5 V
VCC
v 2.5 ns
VCC/2
2 x VCC
50 pF
500 W
0.3 V
Figure 23. Voltage Waveforms Pulse Duration
Figure 24. Voltage Waveforms Setup and Hold
Times
Figure 25. Voltage Waveforms Propagation Delay
Times Inverting and Noninverting Outputs
Figure 26. Voltage Waveforms Enable and
Disable Times Low− and High−Level Enabling
Input
Input
Output
Output
VM
VLOAD/2
VM
tW
VI
0 V
VM
VM
VM
VM
VM
VM
VI
0 V
tPLH
tPHL
tPHL
tPLH
VOH
VOL
VOH
VOL
Output
Control
VI
0 V
VM
VM
VM
VM
tPZH
tPHZ
VOL
VOH
[0 V
Output
Output
Waveform 1
S1 at VLOAD
(Note 11)
Waveform 2
S1 at GND
(Note 11)
VI
0 V
Timing Input
Data Input
VI
0 V
VM
VM
VM
tsu
th
VOL + VD
VOH − VD
11. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control
12.All input pulses are supplied by generators having the following characteristics: PRR v 10 MHz, ZO = 50 W.
13.The outputs are measured one at a time, with one transition per measurement.
14.All parameters are waveforms are not applicable to all devices.


Similar Part No. - NLX1G99

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G99 ONSEMI-NLX1G99 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NLX1G99 ONSEMI-NLX1G99 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
NLX1G99DMUTCG ONSEMI-NLX1G99DMUTCG Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NLX1G99DMUTCG ONSEMI-NLX1G99DMUTCG Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
NLX1G99DMUTWG ONSEMI-NLX1G99DMUTWG Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
More results

Similar Description - NLX1G99

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_16 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NL7SZ98 ONSEMI-NL7SZ98_V01 Datasheet
331Kb / 13P
   Configurable Multifunction Gate
October, 2020 - Rev. 6
NL7SZ97 ONSEMI-NL7SZ97_14 Datasheet
81Kb / 8P
   Configurable Multifunction Gate
July, 2014 ??Rev. 4
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
   Configurable Multifunction Gate
October, 2020 ??Rev. 5
NLX1G97 ONSEMI-NLX1G97 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_18 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com