Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLX1G57CMX1TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NLX1G57CMX1TCG
Description  Configurable Multifunction Gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLX1G57CMX1TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NLX1G57CMX1TCG Datasheet HTML 1Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 2Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 3Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 4Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 5Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 6Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 7Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 8Page - ON Semiconductor NLX1G57CMX1TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NLX1G57
http://onsemi.com
5
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Conditions
VCC
(V)
TA = 255C
TA v +855C
TA = -555C to
+125
5C
Unit
Min
Typ
Max
Min
Max
Min
Max
VT+
Positive
Threshold
Voltage
1.65
0.79
1.16
1.16
1.16
V
2.3
1.11
1.56
1.56
1.56
3.0
1.5
1.87
1.87
1.87
4.5
2.16
2.74
2.74
2.74
5.5
2.61
3.33
3.33
3.33
VT-
Negative
Threshold
Voltage
1.65
0.35
0.62
0.35
0.35
V
2.3
0.58
0.87
0.58
0.58
3.0
0.84
1.19
0.84
0.84
4.5
1.41
1.9
1.41
1.41
5.5
1.78
2.29
1.78
1.78
VH
Hysteresis
Voltage
1.65
0.30
0.62
0.30
0.62
0.30
0.62
V
2.3
0.40
0.8
0.40
0.8
0.40
0.8
3.0
0.53
0.87
0.53
0.87
0.53
0.87
4.5
0.71
1.04
0.71
1.04
0.71
1.04
5.5
0.8
1.2
0.8
1.2
0.8
1.2
VOH
Minimum
High-Level
Output
Voltage
VIN = VT-MIN or VT+MAX
IOH = -50 mA
1.65 -
5.5
VCC
- 0.1
VCC
- 0.1
VCC
- 0.1
V
VIN = VT-MIN or VT+MAX
IOH = -4 mA
1.65
1.2
1.2
1.2
IOH = -8 mA
2.3
1.9
1.9
1.9
IOH = -16 mA
3.0
2.4
2.4
2.4
IOH = -24 mA
3.0
2.3
2.3
2.3
IOH = -32 mA
4.5
3.8
3.8
3.8
VOL
Maximum
Low-Level
Output
Voltage
VIN = VT-MIN or VT+MAX
IOL = 50 mA
1.65 -
5.5
0.1
0.1
0.1
V
VIN = VT-MIN or VT+MAX
IOL = 4 mA
1.65
0.45
0.45
0.45
IOL = 8 mA
2.3
0.3
0.3
0.3
IOL = 16 mA
3.0
0.4
0.4
0.4
IOL = 24 mA
3.0
0.55
0.55
0.55
IOL = 32 mA
4.5
0.55
0.55
0.55
IIN
Input
Leakage
Current
0
v VIN v 5.5 V
0 to
5.5
$0.1
$1.0
$1.0
mA
ICC
Quiescent
Supply
Current
0
v VIN v VCC
5.5
1.0
10
10
mA


Similar Part No. - NLX1G57CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G57CMUTCG ONSEMI-NLX1G57CMUTCG Datasheet
76Kb / 8P
   Configurable Multifunction Gate
July, 2016 ??Rev. 6
More results

Similar Description - NLX1G57CMX1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_16 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NL7SZ98 ONSEMI-NL7SZ98_V01 Datasheet
331Kb / 13P
   Configurable Multifunction Gate
October, 2020 - Rev. 6
NL7SZ97 ONSEMI-NL7SZ97_14 Datasheet
81Kb / 8P
   Configurable Multifunction Gate
July, 2014 ??Rev. 4
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
   Configurable Multifunction Gate
October, 2020 ??Rev. 5
NLX1G97 ONSEMI-NLX1G97 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_18 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com