Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS8252MUTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLAS8252MUTAG
Description  DP3T Switch for USB/UART/Data Multiplexing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS8252MUTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NLAS8252MUTAG Datasheet HTML 1Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 2Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 3Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 4Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 5Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 6Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 7Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2008
April, 2008 - Rev. 0
1
Publication Order Number:
NLAS8252/D
NLAS8252
DP3T Switch for
USB/UART/Data
Multiplexing
Brief Description
The NLAS8252 is a DP3T switch for combined UART and USB 2.0
full speed data applications. It allows portable systems to use a single
external port to transmit and receive signals to and from three separate
locations within the portable system. It is comprised of two switches,
each with a single common I/O that alternates between 3 terminals.
They are operated together to allow three data sources, such as a USB
or UART transceiver, to pass differential data through a shared USB
connector port.
The NLAS8252 features low RON- 4 W (max) at 4.2 V VCC, 5 W
(typ) at a 3.3 V VCC. It also features low CON, < 30 pF (max) across
the supply voltage range. This performance makes it ideal for USB full
speed applications that require both low RON and CON for effective
signal transmission.
The NLAS8252 is capable of accepting control input signals down
to 1.4 V, over a range of VCC supply voltages with minimal leakage
current. The NLAS8252 is offered in a lead-free, 12 pin, 1.7 x 2.0 x
0.5 mm, UQFN package.
Features
RON: 4 W Max @ VCC = 4.2 V
CON: < 20 pF @ VCC = 3.3 V
OVT Protection up to 5.25 V on Common Pins
VCC Range: 1.65 V to 4.5 V
3 kV ESD Protection
1.7 x 2.0 x 0.5 mm UQFN12 Package
This is a Pb-Free Device
Typical Applications
USB/UART/Data Multiplexing
Shared USB Connector
Mobile Phones
Portable Devices
UQFN12
MU SUFFIX
CASE 523AE
MARKING
DIAGRAM
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
NLAS8252MUTAG
UQFN12
(Pb-Free)
3000 /
Tape & Reel
APPLICATION DIAGRAM
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
52
= Specific Device Code
M
= Date Code
G
= Pb-Free Package
52M
G
1
NLAS8252
USB
XCVR
Remote
Data
UART
XCVR
D+
D-
D+
D-
R
L
Rx
Tx
IN[1:0]
From Baseband


Similar Part No. - NLAS8252MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053 Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053 ONSEMI-NLAS1053 Datasheet
113Kb / 10P
   2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
NLAS1053US ONSEMI-NLAS1053US Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053US ONSEMI-NLAS1053US Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
More results

Similar Description - NLAS8252MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
NCN9252MUGEVB ONSEMI-NCN9252MUGEVB Datasheet
179Kb / 5P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing Evaluation Board Users Manual
April, 2012 ??Rev. 3
FSA1153 ONSEMI-FSA1153 Datasheet
285Kb / 11P
   DP3T USB Type C Audio andUART Analog Switch with OVP
December, 2018 ??Rev. 1
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
logo
Maxim Integrated Produc...
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
MAX20332 MAXIM-MAX20332 Datasheet
883Kb / 12P
   USB Connectors for Device Multiplexing
Rev 0; 5/18
logo
Texas Instruments
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
[Old version datasheet]   USB Port SP2T Switch Supports USB & UART
logo
Micon Design Technology...
MDT80P10 MDTIC-MDT80P10 Datasheet
42Kb / 3P
   USB/UART For UPS
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com