Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS8252MUTAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLAS8252MUTAG
Description  DP3T Switch for USB/UART/Data Multiplexing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS8252MUTAG Datasheet(HTML) 6 Page - ON Semiconductor

  NLAS8252MUTAG Datasheet HTML 1Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 2Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 3Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 4Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 5Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 6Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 7Page - ON Semiconductor NLAS8252MUTAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NLAS8252
http://onsemi.com
6
Detailed Description
The NLAS8252 is a DP3T switch designed for
applications where a single USB connector is used for
multiple data applications within a portable system. Two
differential signals from a USB connector can be routed to
3 different end locations. The first, channel 1, is optimized
for a full speed, USB 2.0 transceiver. The second and third,
channels 2 and 3, are optimized for UART or remote data
applications.
Control Inputs Select Logic
The NLAS8252 is made up of two, 3-throw switches
operating off of the same internal enable signal. For each
switch, a signal can pass from the common pin to any of
three terminals. Whenever COM1 is closed to terminal 1S2,
COM2 will respectively be closed to terminal 2S2. The
select logic is controlled by two inputs, IN1 and IN2,
connecting the common pins to the terminals according to
the function table found on page 2. Since there are four
possible control states but only 3 possible terminals, the first
combination results in a open connection for all three
terminals.
VIH and VIL Levels
Figure 2. ICC Leakage Current vs. VIN
VCC =
2.7 V
VCC = 3.3 V
VCC = 4.2 V
VIN (V)
2.8
2.0
1.6
3.2
1.2
0.8
0.4
0
0
10
20
30
50
80
90
100
40
60
70
2.4
110
120
130
140
150
160
170
180
190
200


Similar Part No. - NLAS8252MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS1053 ONSEMI-NLAS1053 Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053 ONSEMI-NLAS1053 Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
NLAS1053 ONSEMI-NLAS1053 Datasheet
113Kb / 10P
   2:1 Mux/Demux Analog Switches
July, 2015 ??Rev. 3
NLAS1053US ONSEMI-NLAS1053US Datasheet
123Kb / 12P
   2:1 Mux/Demux Analog Switches
February, 2002 ??Rev. 0
NLAS1053US ONSEMI-NLAS1053US Datasheet
121Kb / 10P
   2:1 Mux/Demux Analog Switches
May, 2006 ??Rev. 2
More results

Similar Description - NLAS8252MUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN9252 ONSEMI-NCN9252_11 Datasheet
357Kb / 9P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
March, 2011 ??Rev. 1
NCN9252 ONSEMI-NCN9252 Datasheet
150Kb / 8P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing
May, 2010 ??Rev. 0
NCN9252MUGEVB ONSEMI-NCN9252MUGEVB Datasheet
179Kb / 5P
   High-Speed USB 2.0 (480 Mbps) DP3T Switch for USB/UART/Data Multiplexing Evaluation Board Users Manual
April, 2012 ??Rev. 3
FSA1153 ONSEMI-FSA1153 Datasheet
285Kb / 11P
   DP3T USB Type C Audio andUART Analog Switch with OVP
December, 2018 ??Rev. 1
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
logo
Maxim Integrated Produc...
MAX3349EA MAXIM-MAX3349EA Datasheet
382Kb / 17P
   USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 0; 10/06
MAX20332 MAXIM-MAX20332 Datasheet
883Kb / 12P
   USB Connectors for Device Multiplexing
Rev 0; 5/18
logo
Texas Instruments
TSU6111A TI1-TSU6111A Datasheet
1Mb / 32P
[Old version datasheet]   USB Port SP2T Switch Supports USB & UART
logo
Micon Design Technology...
MDT80P10 MDTIC-MDT80P10 Datasheet
42Kb / 3P
   USB/UART For UPS
logo
Maxim Integrated Produc...
MAX3349E MAXIM-MAX3349E Datasheet
371Kb / 16P
   Hi-Speed USB 2.0 Full-Speed Transceiver with UART Multiplexing Mode
Rev 1; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com