Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLAS4051S Datasheet(PDF) 2 Page - ON Semiconductor

Part # NLAS4051S
Description  Analog Multiplexer/ Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLAS4051S Datasheet(HTML) 2 Page - ON Semiconductor

  NLAS4051S Datasheet HTML 1Page - ON Semiconductor NLAS4051S Datasheet HTML 2Page - ON Semiconductor NLAS4051S Datasheet HTML 3Page - ON Semiconductor NLAS4051S Datasheet HTML 4Page - ON Semiconductor NLAS4051S Datasheet HTML 5Page - ON Semiconductor NLAS4051S Datasheet HTML 6Page - ON Semiconductor NLAS4051S Datasheet HTML 7Page - ON Semiconductor NLAS4051S Datasheet HTML 8Page - ON Semiconductor NLAS4051S Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NLAS4051S
http://onsemi.com
2
TRUTH TABLE
Inhibit
Address
ON
SWITCHES*
C
B
A
1
X
don’t care
X
don’t care
X
don’t care
All switches
open
0
0
0
0
COM−NO0
0
0
0
1
COM−NO1
0
0
1
0
COM−NO2
0
0
1
1
COM−NO3
0
1
0
0
COM−NO4
0
1
0
1
COM−NO5
0
1
1
0
COM−NO6
0
1
1
1
COM−NO7
*NO and COM pins are identical and interchangeable. Either may
be considered an input or output; signals pass equally well in
either direction.
Figure 2. Logic Diagram
NO4
NO7
Inhibit
NO6
NO3
ADDA
LOGIC
ADDB
ADDC
NO5
NO2
NO1
NO0
COM
MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Negative DC Supply Voltage
(Referenced to GND)
VEE
−7.0 to )0.5
V
Positive DC Supply Voltage (Note 1)
(Referenced to GND)
(Referenced to VEE)
VCC
−0.5 to )7.0
−0.5 to )7.0
V
Analog Input Voltage
VIS
VEE −0.5 to VCC )0.5
V
Digital Input Voltage
(Referenced to GND)
VIN
−0.5 to 7.0
V
DC Current, Into or Out of Any Pin
I
$50
mA
Storage Temperature Range
TSTG
−65 to )150
°C
Lead Temperature, 1 mm from Case for 10 Seconds
TL
260
°C
Junction Temperature under Bias
TJ
)150
°C
Thermal Resistance
qJA
164
°C/W
Power Dissipation in Still Air
PD
450
mW
Moisture Sensitivity
MSL
Level 1
Flammability Rating
Oxygen Index: 30% − 35%
FR
UL 94 V−0 @ 0.125 in
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
VESD
u2000
u200
u1000
V
Latchup Performance
Above VCC and Below GND at 125°C (Note 5)
ILATCHUP
$300
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The absolute value of VCC $|VEE| ≤ 7.0.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.


Similar Part No. - NLAS4051S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLAS4051 ONSEMI-NLAS4051 Datasheet
134Kb / 11P
   Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
May, 2006 ??Rev. 3
NLAS4051DR2 ONSEMI-NLAS4051DR2 Datasheet
134Kb / 11P
   Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
May, 2006 ??Rev. 3
NLAS4051DR2G ONSEMI-NLAS4051DR2G Datasheet
134Kb / 11P
   Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
May, 2006 ??Rev. 3
NLAS4051DTR2 ONSEMI-NLAS4051DTR2 Datasheet
134Kb / 11P
   Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
May, 2006 ??Rev. 3
NLAS4051DTR2G ONSEMI-NLAS4051DTR2G Datasheet
134Kb / 11P
   Analog Multiplexer/ Demultiplexer TTL Compatible, Single-Pole, 8-Position Plus Common Off
May, 2006 ??Rev. 3
More results

Similar Description - NLAS4051S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com