Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8613 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV8613
Description  Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8613 Datasheet(HTML) 1 Page - ON Semiconductor

  NCV8613 Datasheet HTML 1Page - ON Semiconductor NCV8613 Datasheet HTML 2Page - ON Semiconductor NCV8613 Datasheet HTML 3Page - ON Semiconductor NCV8613 Datasheet HTML 4Page - ON Semiconductor NCV8613 Datasheet HTML 5Page - ON Semiconductor NCV8613 Datasheet HTML 6Page - ON Semiconductor NCV8613 Datasheet HTML 7Page - ON Semiconductor NCV8613 Datasheet HTML 8Page - ON Semiconductor NCV8613 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
© Semiconductor Components Industries, LLC, 2008
December, 2008 − Rev. 0
1
Publication Order Number:
NCV8613/D
NCV8613
Ultra-Low Iq Automotive
System Power Supply IC
Power Saving Triple-Output
Linear Regulator
The NCV8613 is a multiple output linear regulator IC’s with an
Automatic Switchover (ASO) input voltage selector. The ASO circuit
selects between three different input voltage sources to reduce power
dissipation and to maintain the output voltage level across varying
battery line voltages associated with an automotive environment.
The NCV8613 is specifically designed to address automotive radio
systems and instrument cluster power supply requirements. The
NCV8613 can be used in combination with the 4−Output
Controller/Regulator IC, NCV885x, to form a complete automotive
radio or instrument cluster power solution. The NCV8613 is intended
to supply power to various “always on” loads such as the CAN
transceivers and microcontrollers (core, memory and IO). The
NCV8613 has three output voltages, a reset / delay circuit, and a host
of control features suitable for the automotive radio and instrument
cluster systems.
Features
Operating Range 7.0 V to 18.0 V (45 V Load Dump Tolerant)
Output Voltage Tolerance, All Rails, $2%
< 50 mA Quiescent Current
Independent Input for LDO3 Linear Regulator
High Voltage Ignition Buffer
Automatic Switchover Input Voltage Selector
Independent Input Voltage Monitor with a High Input Voltage and
Low Input Voltage (Brown−out) Indicators
Thermal Warning Indicator with Thermal Shutdown
Single Reset with Externally Adjustable Delay for the 3.3 V Rail
Push−Pull Outputs for Logic Level Control Signals
All Ceramic Solution for Reduced Leakage Current at the Output
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
This is a Pb−Free Device
Applications
Automotive Radio
Instrument Cluster
PIN CONNECTIONS
ORDERING INFORMATION
MARKING
DIAGRAM
ASO_RAIL
VIN−H
VIN_S3
VIN−B
VIN−A
VOUT1
VBATT_MON
VPP
HV_DET
BO_DET
NC
GND
HOT_FLG
VOUT3
VOUT2
RST
DLY
GND
IGNOUT
IGNIN
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Device
Package
Shipping
NCV8613MNR2G
DFN20
(Pb−Free)
2500 / Tape & Reel
http://onsemi.com
DFN20
MN SUFFIX
CASE 505AB
1
20
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
NCV8613
AWLYYWWG
G
(Note: Microdot may be in either location)


Similar Part No. - NCV8613

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613BMNR2G ONSEMI-NCV8613BMNR2G Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
More results

Similar Description - NCV8613

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8614 ONSEMI-NCV8614 Datasheet
399Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8612B ONSEMI-NCV8612B Datasheet
462Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8613B ONSEMI-NCV8613B Datasheet
405Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
March, 2010 ??Rev. 0
NCV8612 ONSEMI-NCV8612 Datasheet
437Kb / 26P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
December, 2008 ??Rev. 0
NCV8614B ONSEMI-NCV8614B Datasheet
424Kb / 25P
   Ultra-Low Iq Automotive System Power Supply IC Power Saving Triple-Output Linear Regulator
October, 2009 ??Rev. 0
LV56851UV ONSEMI-LV56851UV Datasheet
961Kb / 27P
   Linear Voltage Regulator, Multiple-Output System Power Supply IC,
April 2016- Rev. 0
LV5680NPVC ONSEMI-LV5680NPVC Datasheet
453Kb / 16P
   Linear Voltage Regulator, Multiple-Output, System Power Supply IC
February 2017- Rev. 1
LV5694P ONSEMI-LV5694P Datasheet
357Kb / 14P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5693P ONSEMI-LV5693P_14 Datasheet
412Kb / 16P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
LV5684NPVD ONSEMI-LV5684NPVD Datasheet
364Kb / 15P
   System Power Supply IC for Automotive Infotainment Multiple Output Linear Voltage Regulator
March, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com