Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5666DS25R4G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5666DS25R4G
Description  3.0 A, Low Dropout Linear Regulator with Enable
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5666DS25R4G Datasheet(HTML) 6 Page - ON Semiconductor

  NCP5666DS25R4G Datasheet HTML 1Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 2Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 3Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 4Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 5Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 6Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 7Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 8Page - ON Semiconductor NCP5666DS25R4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NCP5666
http://onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 7. Disable Current vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
70
60
50
40
30
20
10
0
VEN = 0 V
Vout(nom) = 5.0 V
Figure 8. Disable Current vs. Ambient Temperature
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
70
60
50
40
30
20
10
0
VEN = 0 V
Vout(nom) = 2.5 V
-50
-25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
5.00
Figure 9. Short Circuit Current Limit vs. Ambient
Temperature
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
Figure 10. Output Current vs. Input-Output
Voltage Differential
INPUT-OUTPUT VOLTAGE DIFFERENTIAL (V)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
TA = 25°C
L = 25 mm Copper
20
16
10
2
014
12
46
8
0
10
20
30
40
50
60
70
80
90
0
1.0
10
100
1000
Iout = 1.0 A
Iout = 10 mA
F, FREQUENCY (kHz)
Cin = 100 nF
Cout = 1.0 mF
Figure 11. Ripple Rejection vs. Frequency
0.001
0.01
0.1
1.0
10
Iout, OUTPUT CURRENT (A)
Figure 12. Output Capacitor ESR Stability vs.
Output Current
0.0
1.0
2.0
3.0
Cout = 2.2 mF
Unstable Region
0.5
1.5
2.5
Stable Region
Cout = 22 mF
Cout = 220 mF


Similar Part No. - NCP5666DS25R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP566 ONSEMI-NCP566 Datasheet
109Kb / 10P
   1.5 A Low Dropout Linear Regulator
March, 2007 ??Rev. 0
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5661 ONSEMI-NCP5661 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5661 ONSEMI-NCP5661 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP5661DT12RKG ONSEMI-NCP5661DT12RKG Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
More results

Similar Description - NCP5666DS25R4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
logo
Semtech Corporation
SC1566 SEMTECH-SC1566_05 Datasheet
254Kb / 12P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Samtec, Inc
SC1566I5M2.5TRT SAMTEC-SC1566I5M2.5TRT Datasheet
256Kb / 12P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Semtech Corporation
SC1566 SEMTECH-SC1566 Datasheet
224Kb / 9P
   Very Low Dropout 3.0 Amp Regulator With Enable
logo
Diodes Incorporated
AP7176B DIODES-AP7176B Datasheet
1Mb / 14P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
AP7175 DIODES-AP7175_17 Datasheet
876Kb / 14P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR WITH ENABLE
logo
Cherry Semiconductor Co...
CS8271 CHERRY-CS8271 Datasheet
155Kb / 6P
   Adjustable Micropower Low Dropout Linear Regulator with ENABLE
logo
ON Semiconductor
NCP5667 ONSEMI-NCP5667 Datasheet
200Kb / 9P
   3.0 A, Low Dropout Linear Regulator with Enhanced ESD Protection
October, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com