Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5623CMUTBG Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP5623CMUTBG
Description  Triple Output I2C Controlled RGB LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623CMUTBG Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP5623CMUTBG Datasheet HTML 3Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 4Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 5Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 6Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 7Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 8Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 9Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 10Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NCP5623C
http://onsemi.com
8
B7
B6
B5
B4
B3
B2
B1
B0
Byte#1 : I2C Physical Address, based 7 bits : % 011 1001 ³ $39 *
0
1
1
1
0
0
1
R/W
Byte#2 : DATA register
RLED2
RLED1
RLED0
BLED4
BLED3
BLED2
BLED1
BLED0
*Note: according to the I2C specifications, the physical address is based on 7 bits out of the SDA byte, the 8th bit representing the R/W command.
Since the NCP5623C is a receiver only, the R/W command is 0 and the hexadecimal byte send by the MCU is %0111 0010 = $72
B[7:5] : Internal Register Selection:
B7
B6
B5
Function
0
0
0
Chip Shut Down ³ all LED current = zero
0
0
1
Set up the maximum Output LED Current
0
1
0
PWM1 : LED1 control
0
1
1
PWM2 : LED2 control
1
0
0
PWM3 : LED3 control
1
0
1
Set the Upward Iend target
1
1
0
Set the Downward Iend target
1
1
1
Set the number of steps and activate the Gradual Dimming
The contain of bits B[4:0] depends upon the type of function selected by bits B[7:5] as depicted in Table 1
Table 1. Internal Register Bits Assigment
B7
B6
B5
B4
B3
B2
B1
B0
Comments
0
0
0
X
X
X
X
X
Shut down
0
0
1
16
8
4
2
1
Output LED Step, see Figure 4 (Note 11)
0
1
0
BPWM16
BPWM8
BPWM4
BPWM2
BPWM1
PWM1
0
1
1
BPWM16
BPWM8
BPWM4
BPWM2
BPWM1
PWM2
1
0
0
BPWM16
BPWM8
BPWM4
BPWM2
BPWM1
PWM3
1
0
1
GDIM5
16
GDIM4
8
GDIM3
4
GDIM2
2
GDIM1
1
Set Gradual Dimming
Upward Iend Target (Note 12)
1
1
0
GDIM5
16
GDIM4
8
GDIM3
4
GDIM2
2
GDIM1
1
Set Gradual Dimming
Downward Iend Target (Note 12)
1
1
1
GDIM5
128 ms
GDIM4
64 ms
GDIM3
32 ms
GDIM2
16 ms
GDIM1
8 ms
Gradual Dimming
Step Number & run
11. The programmed current applies to the three LED simultaneously, the gradual dimming is not engaged
12.The bit values represent the steps count, not the ILED current: see equations 1 & 2, page 7, to derive the ILED value.
GRADUAL DIMMING
The purpose of that function is to gradually Increase or
Decrease the brightness of the backlight LED upon
command from the external MCU. The function is activated
and controlled by means of the I2C protocol.
In order to avoid arithmetic division functions at silicon
level, the period (either upward or downward) is equal to the
time defined for each step, multiplied by the number of
steps.
To operate such a function, the MCU will provide three
information:
1 – The target current level (either upward or downward)
2 – The time per step
3 – The Upward or Downward mode of operation
When a new gradual dimming sequence is requested, the
output current increases, according to an exponential curve,
from the existing start value to the end value. The end current
value is defined by the contain of the Upward or Downward
registers, the width of each step is defined by the third
register, the number of step being in the 1 to 30 range. In the
event of software error, the system checks that neither the
maximum output current (30 mA), nor the zero level are
forced out of their respective bounds. Similarly, software
errors shall not force the NCP5623C into an uncontrolled
mode of operation.


Similar Part No. - NCP5623CMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
More results

Similar Description - NCP5623CMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C_17 Datasheet
94Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
January, 2017 ??Rev. 2
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com