Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5393B Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5393B
Description  2/3/4-Phase Controller for CPU Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5393B Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5393B Datasheet HTML 2Page - ON Semiconductor NCP5393B Datasheet HTML 3Page - ON Semiconductor NCP5393B Datasheet HTML 4Page - ON Semiconductor NCP5393B Datasheet HTML 5Page - ON Semiconductor NCP5393B Datasheet HTML 6Page - ON Semiconductor NCP5393B Datasheet HTML 7Page - ON Semiconductor NCP5393B Datasheet HTML 8Page - ON Semiconductor NCP5393B Datasheet HTML 9Page - ON Semiconductor NCP5393B Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
NCP5393B
http://onsemi.com
6
NCP5393B PIN DESCRIPTIONS
Pin No.
Description
Symbol
32
NB_DROOP
Voltage output signal proportional to total current drawn from the VDDNB regulator. Used when load
line operation (“droop”) is desired.
33
NB_FB
Voltage error amplifier inverting input for the VDDNB regulator.
34
NB_COMP
Output of the voltage error amplifier for the VDDNB regulator.
35
VID0
Parallel Voltage ID DAC Input 0. Not used in SVI mode.
36
VID1
Parallel Voltage ID DAC Input 1. Also used for PVI or SVI mode selection.
37
PWROK
System power supplies status input. Used in SVI mode only.
38
ENABLE
High = Run, Low = Standby/Reset.
39
VID3/SVC
Parallel Voltage ID DAC Input 1. Also used in SVI mode.
40
VID2/SVD
Parallel Voltage ID DAC Input 1. Also used in SVI mode.
41
PWRGOOD
Open drain output. High indicates that the active output(s) are within specification. Internally pulled
high by 5 mA to VCC
42
NB_DRVON
Bidirectional Gate Drive Enable to the gate driver for the VDDNB regulator.
43
DRVON
Bidirectional Gate Drive Enable to gate drivers for the VDD regulator.
44
NB_G
PWM output to the VDDNB gate driver.
45
G4
PWM output #4. See Table: “Pin Connections vs. Phase Count”
46
G3
PWM output #3. See Table: “Pin Connections vs. Phase Count”
47
G2
PWM output #2. See Table: “Pin Connections vs. Phase Count”
48
G1
PWM output #1. See Table: “Pin Connections vs. Phase Count”
FLAG
PGND
High−current power supply return via metal pad (flag) underneath package. The package flag should
be tied directly to Pin 2.
PIN CONNECTIONS VS. PHASE COUNT
Number of
Phases
G4
G3
G2
G1
CS4 &
CS4N
CS3 &
CS3N
CS2 &
CS2N
CS1 &
CS1N
4
Phase 4
Out
Phase 3
Out
Phase 2
Out
Phase 1
Out
Phase 4 CS
Input
Phase 3 CS
Input
Phase 2 CS
Input
Phase 1 CS
Input
3
Tie to
GND
Phase 3
Out
Phase 2
Out
Phase 1
Out
Tie to GND
or VDD
Phase 3 CS
Input
Phase 2 CS
Input
Phase 1 CS
Input
2
Tie to
GND
Phase 2
Out
Tie to
GND
Phase 1
Out
Tie to GND
or VDD
Phase 2 CS
input
Tie to GND
or VDD
Phase 1 CS
Input


Similar Part No. - NCP5393B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP5393AMNR2G ONSEMI-NCP5393AMNR2G Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP5393MNR2G ONSEMI-NCP5393MNR2G Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
More results

Similar Description - NCP5393B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5392 ONSEMI-NCP5392 Datasheet
313Kb / 32P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. 3
NCP5392Q ONSEMI-NCP5392Q Datasheet
324Kb / 30P
   2/3/4-Phase Controller for CPU Applications
June, 2009 ??Rev. 0
NCP5387 ONSEMI-NCP5387 Datasheet
347Kb / 37P
   2/3/4 Phase Controller for CPU Applications
April, 2007 ??Rev. 3
NCP5392P ONSEMI-NCP5392P Datasheet
314Kb / 32P
   2/3/4-Phase Controller for CPU Applications
April, 2008 - Rev. 0
NCP5393 ONSEMI-NCP5393 Datasheet
490Kb / 21P
   2/3/4-Phase Controller for CPU Applications
February, 2008 - Rev. 0
NCP5393A ONSEMI-NCP5393A Datasheet
305Kb / 24P
   2/3/4-Phase Controller for CPU Applications
August, 2008 ??Rev. P0
NCP6251 ONSEMI-NCP6251 Datasheet
293Kb / 24P
   2/3/4-Phase Controller for CPU Applications
October, 2010 ??Rev. P0
NCP5395T ONSEMI-NCP5395T Datasheet
287Kb / 25P
   2/3/4-Phase Controller with On Board Gate Drivers for CPU Applications
June, 2009 ??Rev. 0
NCP6151S52MNR2G ONSEMI-NCP6151S52MNR2G Datasheet
47Kb / 1P
   VR12 2-, 3-, 4-Phase CPU Controller 1-Phase GPU Controller
6/16/2013
NCP5392T ONSEMI-NCP5392T Datasheet
316Kb / 30P
   2/3/4-Phase Controller with Light Load Power Saving Enhancement for CPU Applications
June, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com