Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5380 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP5380
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5380 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP5380 Datasheet HTML 3Page - ON Semiconductor NCP5380 Datasheet HTML 4Page - ON Semiconductor NCP5380 Datasheet HTML 5Page - ON Semiconductor NCP5380 Datasheet HTML 6Page - ON Semiconductor NCP5380 Datasheet HTML 7Page - ON Semiconductor NCP5380 Datasheet HTML 8Page - ON Semiconductor NCP5380 Datasheet HTML 9Page - ON Semiconductor NCP5380 Datasheet HTML 10Page - ON Semiconductor NCP5380 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
NCP5380
http://onsemi.com
7
Timing Diagram
Timing is referenced to the 90% and 10% points, unless otherwise noted.
IN
DRVH
(WITH RESPECT
TO SW)
DRVL
SW
Figure 3. Timing Diagram
tpdlDRVL tfDRVL
tpdlDRVH
trDRVL
tfDRVH
VTH
VTH
tpdhDRVH
trDRVH
tpdhDRVL
ABSOLUTE MAXIMUM RATING
Parameter
Rating
VCC
−0.3 V to +6 V
FBRTN, PGND
−0.3 V to +0.3 V
BST
DC
−0.3 V to +26 V
t < 200 ns
−0.3 V to +31 V
BST to SW
−0.3 V to +6 V
DRVH, SW
DC
−5 V to +21 V
t < 200 ns
−10 V to +26 V
DRVH to SW
−0.3 V to +6 V
DRVL to PGND
DC
−0.3 V to +6 V
t < 200 ns
−5 V to +6 V
RAMP (in Shutdown)
DC
−0.3 V to +21 V
t < 200 ns
−0.3 V to +26 V
All Other Inputs and Outputs
−0.3 V to +6 V
Storage Temperature
−65°C to +150°C
Operating Ambient Temperature Range
−10°C to 100°C
Operating Junction Temperature
125°C
Thermal Impedance (θJA) 2−Layer Board
32.6°C/W
Lead Temperature
Soldering (10 sec)
300°C
Infrared (15 sec)
260°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - NCP5380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com