Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5380 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5380
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5380 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5380 Datasheet HTML 2Page - ON Semiconductor NCP5380 Datasheet HTML 3Page - ON Semiconductor NCP5380 Datasheet HTML 4Page - ON Semiconductor NCP5380 Datasheet HTML 5Page - ON Semiconductor NCP5380 Datasheet HTML 6Page - ON Semiconductor NCP5380 Datasheet HTML 7Page - ON Semiconductor NCP5380 Datasheet HTML 8Page - ON Semiconductor NCP5380 Datasheet HTML 9Page - ON Semiconductor NCP5380 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
NCP5380
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS VCC = 5 V, FBRTN = 112.5 mV, VVID = 1.25 V, TA = 0°C to 85°C, unless otherwise noted (Note 1).
Current entering a pin (sunk by the device) has a positive sign.
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
POWER GOOD
PWRGD delay Time
tPWRGD
6
10
11
ms
CURRENT MONITOR
IMON Output Current
IIMON
VCSREF − VCSCOMP = 100 mV
9
10
11
mA
IMON Output Current
IIMON
VCSREF − VCSCOMP = 10 mV
0.9
1
1.1
mA
IMON Clamp
VIMON
1.0
1.15
V
HIGH−SIDE MOSFET DRIVER
Output Resistance, Sourcing Current
BST − SW = 4.6 V
1.6
3.3
W
Output Resistance, Sinking Current
BST − SW = 4.6 V
1.3
2.8
W
Transition Times
trDRVH,
BST − SW = 4.6 V, CL = 3 nF
15
35
ns
tfDRVH
BST − SW = 4.6 V, CL = 3 nF
13
31
ns
Dead Delay Times
tpdhDRVH
BST − SW = 4.6 V
20
45
ns
BST Quiescent Current
EN = low, shutdown
5
15
mA
EN = high, no switching
200
mA
LOW−SIDE MOSFET DRIVER
Output Resistance, Sourcing Current
1.4
3.0
W
Output Resistance, Sinking Current
1
2.7
W
Transition Times
trDRVL
CL = 3 nF
15
35
ns
tfDRVL
CL = 3 nF
14
35
ns
Propagation Delay Times
tpdhDRVL
CL = 3 nF
24
40
ns
SW Transition Timeout
tTO(SW)
BST − SW = 4.6 V
150
250
450
ns
Zero−Crossing Threshold
VZC
1.5
V
PVCC Quiescent Current
EN = low, shutdown
14
50
mA
EN = high, no switching
450
mA
BOOTSTRAP RECTIFIER
Output Resistance
4.0
8.0
11
W
SOFT STOP
CSREF Resistance to GND
EN = low or latch off
70
W
SUPPLY
Supply Voltage Range (Note 2)
VCC
4.5
5.5
V
Supply Current
Normal mode
4.2
10
mA
EN = 0 V
60
200
mA
VCC OK Threshold Voltage
VCCOK
VCC rising
4.4
4.5
V
VCC UVLO Threshold Voltage
VCCUVLO
VCC falling
4.0
4.2
V
UVLO Hysteresis (Note 2)
250
mV
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not production tested.


Similar Part No. - NCP5380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380AMNR2G ONSEMI-NCP5380AMNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
More results

Similar Description - NCP5380

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com