Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1596AMNTWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1596AMNTWG
Description  1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1596AMNTWG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1596AMNTWG Datasheet HTML 1Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 2Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 3Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 4Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 5Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 6Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 7Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 8Page - ON Semiconductor NCP1596AMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP1596A
http://onsemi.com
4
PIN FUNCTION DESCRIPTIONS
Pin #
Symbol
Pin Description
1
FB
Feedback pin. Part is internally compensated. Only necessary to place a voltage divider or connect the out-
put directly to this pin.
2
GND
Ground
3
LX
Pin connected internally to power switch. Connect externally to inductor.
4
VCCP
Power connection to the power switch.
5
VCC
IC power connection.
6
EN
Device Enable pin. This pin has an internal current source pull up. No connect is enable the device. With this
pin pulled down below 0.8 V, the device is disabled and enters the shutdown mode.
Figure 2. Detail Block Diagram
Oscillator
L1
C2
R1
R2
Soft Start
VCC
VCCP
EN
FB
LX
GND
C1
D1
S
R
Ton(min)
disable
driver
Thermal
Shutdown
UVLO
500 nA
0.8 V
Isense
Short
protect
Isense
Q
Q
Vout = 0.8 V to 0.9 V * Vin
Vin
circuit
EXTERNAL COMPONENT REFERENCE DATA
VOUT
Inductor Model
Inductor (L1)
Diode (D1)
CIN (C1)
COUT (C2)
R1
R2
3.3 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
31 k
10 k
2.5 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
21 k
10 k
1.5 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
8 k
10 k
1.2 V
CDC5D23 3R3 (1 A)
CDRH6D38 3R3 (1.5 A)
3.3 mH
MBRA210LT3G
22 mF
22 mF x 2
22 mF
22 mF x 2
5 k
10 k


Similar Part No. - NCP1596AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596AMNTWG ONSEMI-NCP1596AMNTWG Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
More results

Similar Description - NCP1596AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596 ONSEMI-NCP1596 Datasheet
215Kb / 12P
   1.5 MHz Current Mode PWM Buck Down Converter
March, 2009 ??Rev. P3
logo
SHANGHAI BELLING CO., L...
BL3406B BELLING-BL3406B Datasheet
462Kb / 11P
   1.5 MHz, 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
logo
STMicroelectronics
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
ON Semiconductor
NCP1595 ONSEMI-NCP1595_12 Datasheet
348Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
March, 2012 ??Rev. 9
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
logo
Nisshinbo Micro Devices...
RP602X NISSHINBO-RP602X Datasheet
1Mb / 29P
   1.5 A PWM/VFM Buck-Boost DC/DC Converter with Synchronous Rectifier
logo
STMicroelectronics
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com