Part Name
         Description
NCP1589B

 Low Voltage Synchronous Buck Controller ( 10 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 1 page
background image
© Semiconductor Components Industries, LLC, 2009
May, 2009 − Rev. P4
1
Publication Order Number:
NCP1589A/D
NCP1589A, NCP1589B
Product Preview
Low Voltage Synchronous
Buck Controller
The NCP1589A/B is a low cost PWM controller designed to operate
from a 5 V or 12 V supply. This device is capable of producing an
output voltage as low as 0.8 V. This device is capable of converting
voltage from as low as 2.5 V. This 10−pin device provides an optimal
level of integration to reduce size and cost of the power supply.
Features include a 1.5 A gate driver design and an internally set
300 kHz or 600 kHz oscillator. In addition to the 1.5 A gate drive
capability, other efficiency enhancing features of the gate driver
include adaptive non−overlap circuitry. The NCP1589A/B also
incorporates an externally compensated error amplifier. Protection
features include programmable short circuit protection and
undervoltage lockout (UVLO).
Features
VCC Range from 4.5 V to 13.2 V
300 kHz and 600 kHz Internal Oscillator
Boost Pin Operates to 30 V
Voltage Mode PWM Control
Precision 0.8 V Internal Reference
Adjustable Output Voltage
Internal 1.5 A Gate Drivers
80% Max Duty Cycle
Input Under Voltage Lockout
Programmable Current Limit
This is a Pb−Free Device
Applications
Graphics Cards
Desktop Computers
Servers / Networking
DSP & FPGA Power Supply
DC−DC Regulator Modules
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
DFN10
CASE 485C
MARKING DIAGRAMS
PIN CONNECTIONS
1589x
= Specific Device Code
x = A or B
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Device
1
BOOT
10
PGOOD
2
LX
3
UG
4
LG
9
VOS
8
FB
7
COMP/EN
(Top View)
Device
Package
Shipping
ORDERING INFORMATION
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
5
GND
6
VCC
(Note: Microdot may be in either location)
NCP1589AMNTWG
DFN10
(Pb−Free)
3000 /
Tape & Reel
NCP1589BMNTWG
1589x
ALYWG
G
NCP1589AMNTXG
NCP1589BMNTXG



Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl