Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP693DMN33TCG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP693DMN33TCG
Description  1A CMOS Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP693DMN33TCG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP693DMN33TCG Datasheet HTML 1Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 2Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 3Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 4Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 5Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 6Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 7Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 8Page - ON Semiconductor NCP693DMN33TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP693
http://onsemi.com
2
Current Limit &
Thermal Shutdown
Vin
GND
Vref
Vin
CE
Vout
Vout
Current Limit &
Thermal Shutdown
Vin
GND
Vref
Vin
CE
Vout
Vout
Version H (NCP693HMNxxTCG)
Version D (NCP693DMNxxTCG)
Figure 1. Internal Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
Vout
Regulated output voltage.
2
Vout
Regulated output voltage.
3
GND
Power supply ground.
4
CE
This input is used to place the device into low−power standby. When this input is pulled low, the device
is disabled. If this function is not used, Enable should be connected to Vin.
5
Vin
Positive power supply input voltage.
6
Vin
Positive power supply input voltage.
EP
GND
Power supply ground.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage
Vin
7
V
Enable Voltage
VCE
−0.3 to Vin
V
Output Voltage
Vout
−0.3 to Vin + 0.3
V
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−55 to +125
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. This device series contains ESD protection and exceeds the following tests:
Human Body Model 2000 V per (JEDEC 22−A114−B)
Machine Model Method 200 V
THERMAL CHARACTERISTICS
Rating
Symbol
Test Conditions
Typical Value
Unit
Junction−to−Ambient
RqJA
1 oz Copper Thickness, 100 mm2
114
°C/W
PSIJ−Lead 2
YJ−L2
1 oz Copper Thickness, 100 mm2
25
°C/W
Power Dissipation
PD
880
mW
NOTE: Single component mounted on an 80 x 80 x 1.5 mm FR4 PCB with stated copper head spreading area. Using the following
boundary conditions as stated in EIA/JESD 51−1, 2, 3, 7, 12.


Similar Part No. - NCP693DMN33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690 ONSEMI-NCP690 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN18T2G ONSEMI-NCP690MN18T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP693DMN33TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com