Part Name
         Description
NCP693DMN25TCG

 1A CMOS Low-Dropout Voltage Regulator ( 12 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 10 page
background image
NCP693
http://onsemi.com
10
10
20
30
40
50
60
70
80
90
100
110
0
10
203040
5060
708090 100
0.78
0.80
0.82
0.84
0.88
TIME (ms)
Figure 29. Input Response NCP693xMN08TCG
Output Current
Output Voltage
IOUT = 50 mA to 100 mA
COUT = 2.2 mF
VIN = 1.8 V
TA = 25°C
0.1 A/ms Slope
10
20
30
40
50
60
70
80
90
100
110
0
102030
4050
607080
90 100
3.27
3.28
3.29
3.30
3.31
3.32
3.33
3.34
3.35
3.36
3.37
Output Current
Output Voltage
IOUT = 50 mA to 100 mA
COUT = 2.2 mF
VIN = 4.3 V
TA = 25°C
TIME (ms)
Figure 30. Input Response NCP693xMN33TCG
0.86
0.1 A/ms Slope



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl