Part Name
         Description
NCP693DMN25TCG

 1A CMOS Low-Dropout Voltage Regulator ( 12 Page)


ONSEMI
100% 
Zoom Out Zoom In
 6 page
background image
NCP693
http://onsemi.com
6
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
01
23
45
67
INPUT VOLTAGE (V)
Figure 9. Supply Current vs. Input Voltage
NCP693xMN25TCG
Iout = 0 A
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
012345
67
INPUT VOLTAGE (V)
Figure 10. Supply Current vs. Input Voltage
NCP693xMN33TCG
Iout = 0 V
0.792
0.794
0.796
0.798
0.800
0.802
0.804
−40.0
−20.0
0.0
20.0
40.0
60.0
80.0
TEMPERATURE (°C)
Figure 11. Output Voltage vs. Temperature
NCP693xMN08TCG
Vout = 0.8 V
1.185
1.190
1.195
1.200
1.205
1.210
1.215
−40
−20
0
2040
6080
Vout = 1.2 V
TEMPERATURE (°C)
Figure 12. Output Voltage vs. Temperature
NCP693xMN12TCG
2.480
2.485
2.490
2.495
2.500
2.505
2.510
2.515
2.520
−40
−20
0
20406080
TEMPERATURE (°C)
Figure 13. Output Voltage vs. Temperature
NCP693xMN25TCG
3.270
3.280
3.290
3.300
3.310
−40
−20
0
20
406080
TEMPERATURE (°C)
Figure 14. Output Voltage vs. Temperature
NCP693xMN33TCG
Vout = 3.3 V
Vout = 2.5 V



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl