Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP693DMN12TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP693DMN12TCG
Description  1A CMOS Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP693DMN12TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP693DMN12TCG Datasheet HTML 1Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 2Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 3Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 4Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 5Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 6Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 7Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 8Page - ON Semiconductor NCP693DMN12TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2009
September, 2009 − Rev. 0
1
Publication Order Number:
NCP639/D
NCP693
1A CMOS Low-Dropout
Voltage Regulator
The NCP693 series of fixed output low dropout linear regulators are
designed for portable battery powered applications with high output
current requirement up to 1 A. Each device contains a voltage
reference unit, an error amplifier, a PMOS power transistor, resistors
for setting output voltage, a current limit circuits for over−current and
thermal−shutdown. A standby mode with ultra low supply current can
be realized with the chip enable function.
The device is housed in the DFN 1.8x2, 0.50P surface mount
package. Standard voltage versions are 0.8 V, 1.0 V, 1.2 V, 2.5 V and
3.3 V.
Features
Maximum Operating Voltage of 6.5 V
Low Output Voltage Option down to 0.8 V
High Accuracy Output Voltage of 1.0%
Built−in Auto Discharge Function for D Version
These are Pb−Free Devices
Typical Applications
Battery Powered Instruments
Hand−Held Instruments
Camcorders and Cameras
Portable communication equipments
UDFN6, 1.8x2, 0.5P
CASE 517BA
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING AND MARKING INFORMATION
MARKING
DIAGRAM
http://onsemi.com
XXXX
= Specific Device Code
MM
= Lot Number
XXX
XMM
1
1
2
3
6
5
4
1
2
3
6
5
4
Vout
Vout
GND
Vin
Vin
CE
PIN DESCRIPTION
(Top View)
(Top View)


Similar Part No. - NCP693DMN12TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP690 ONSEMI-NCP690 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690 ONSEMI-NCP690 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP690MN15T2G ONSEMI-NCP690MN15T2G Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP690MN18T2G ONSEMI-NCP690MN18T2G Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
More results

Similar Description - NCP693DMN12TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP694 ONSEMI-NCP694_11 Datasheet
464Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
June, 2011 ??Rev. 2
NCP694 ONSEMI-NCP694 Datasheet
533Kb / 17P
   1A CMOS Low-Dropout Voltage Regulator
January, 2010 ??Rev. 1
logo
Analog Microelectronics
AME8827 AME-AME8827 Datasheet
161Kb / 16P
   Low Dropout 1A CMOS Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Unisonic Technologies
L11810 UTC-L11810_10 Datasheet
152Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810_12 Datasheet
200Kb / 4P
   1A CMOS LOW DROPOUT VOLTAGE
L11810 UTC-L11810 Datasheet
150Kb / 6P
   1A CMOS LOW DROPOUT VOLTAGE
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com