Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NBXSPA008LN1TAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NBXSPA008LN1TAG
Description  2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSPA008LN1TAG Datasheet(HTML) 6 Page - ON Semiconductor

  NBXSPA008LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NBXSPA008
http://onsemi.com
6
PACKAGE DIMENSIONS
6 PIN CLCC, 7x5, 2.54P
CASE 848AB−01
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
A
B
E
D
BOTTOM VIEW
b
e
6X
0.10
B
0.05
A
C
C
0.15 C
TERMINAL 1
INDICATOR
TOP VIEW
A
A1
A3
0.10 C
C SEATING
PLANE
SIDE VIEW
L
6X
1
2
5
6
D3
DIM
A
MIN
NOM
MAX
MILLIMETERS
1.70
1.80
1.90
A1
0.70 REF
b
1.30
1.40
1.50
D1
6.17
6.20
6.23
D2
6.66
6.81
6.96
E1
4.37
4.40
4.43
R
0.70 REF
L
1.17
1.27
1.37
A2
0.36 REF
A3
0.08
0.10
0.12
D
7.00 BSC
D3
5.08 BSC
E
5.00 BSC
E2
4.65
4.80
4.95
E3
3.49 BSC
e
2.54 BSC
D1
E1
D2
E2
A2
3
4
E3
R
4X
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
PITCH
2.54
1.50
6X
5.06
1.50
6X
DIMENSION: MILLIMETERS
H
H
1.80 REF
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
NBXSPA008/D
PureEdge is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - NBXSPA008LN1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LN1TAG ONSEMI-NBXSPA022LN1TAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LNHTAG ONSEMI-NBXSPA022LNHTAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
More results

Similar Description - NBXSPA008LN1TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018_0910 ONSEMI-NBXDPA018_0910 Datasheet
135Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com