Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L10URF3333S Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L10URF3333S
Description  SUPER BRIGHT ROUND TYPE LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L10URF3333S Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L10URF3333S Datasheet HTML 1Page - LIGITEK electronics co., ltd. L10URF3333S Datasheet HTML 2Page - LIGITEK electronics co., ltd. L10URF3333S Datasheet HTML 3Page - LIGITEK electronics co., ltd. L10URF3333S Datasheet HTML 4Page - LIGITEK electronics co., ltd. L10URF3333S Datasheet HTML 5Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Typical Electrical & Optical Characteristics (Ta=25
)
AlGaInP
MATERIAL
L10URF3333S/S83-LTS
PART NO
Red
Water Clear
COLOR
Emitted
Lens
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
Viewing
angle
2
θ 1/2
(deg)
Luminous
intensity
@20mA(mcd)
Dominant
wave
length
λDnm
2.6
1.7
20
625
Max.
7700
30
3400
Typ.
Min.
Absolute Maximum Ratings at Ta=25
Page 2/4
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. L10URF3333S/S83-LTS
Min.
Tsol
Soldering Temperature
Operating Temperature
Storage Temperature
Tstg
Topr
Electrostatic Discharge
Reverse Current @5V
Power Dissipation
Ir
ESD
PD
Parameter
Peak Forward Current
Duty 1/10@10KHz
Forward Current
IF
IFP
Symbol
Max 260
for 5 sec Max
(2mm from body)
-40 ~ +100
-40 ~ +85
10
2000
120
μA
V
mW
UNIT
URF(S)
30
90
mA
mA
Ratings


Similar Part No. - L10URF3333S

ManufacturerPart #DatasheetDescription
logo
Powerbox
L10 POWERBOX-L10 Datasheet
646Kb / 1P
   1.5W - 3KV SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Linear Technology
L10-0112 LINER-L10-0112 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
L10-0116 LINER-L10-0116 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
logo
EUROQUARTZ limited
L10.7 EUROQUARTZ-L10.7 Datasheet
45Kb / 1P
   CERAMIC FILTERS
logo
ECS, Inc.
L10.7 ECS-L10.7 Datasheet
145Kb / 1P
   CERAMIC FILTER
More results

Similar Description - L10URF3333S

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8SRF3330-PF LIGITEK-L8SRF3330-PF Datasheet
141Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2040-PF LIGITEK-L9SEF2040-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9SEF2043-W74 LIGITEK-L9SEF2043-W74 Datasheet
119Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG3833-PF LIGITEK-L9UG3833-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
L9UG42241-PF LIGITEK-L9UG42241-PF Datasheet
111Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF2043-PF LIGITEK-LURF2043-PF Datasheet
110Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF13440S-PF LIGITEK-LURF13440S-PF Datasheet
118Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LURF3333S LIGITEK-LURF3333S Datasheet
67Kb / 5P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13741-PF LIGITEK-LVG13741-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
LVG13743-PF LIGITEK-LVG13743-PF Datasheet
122Kb / 6P
   SUPER BRIGHT ROUND TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com