Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TV04A160J-G Datasheet(PDF) 3 Page - Comchip Technology

Part # TV04A160J-G
Description  SMD Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV04A160J-G Datasheet(HTML) 3 Page - Comchip Technology

  TV04A160J-G Datasheet HTML 1Page - Comchip Technology TV04A160J-G Datasheet HTML 2Page - Comchip Technology TV04A160J-G Datasheet HTML 3Page - Comchip Technology TV04A160J-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QW-BTV01
Table 1. Specification
Comchip Technology CO., LTD.
Page 3
REV:B
SMD Transient Voltage Suppressor
VRWM
V BR Min.
V BR Max.
IT
IFSM
IR@V RWM
(V)
(V)
(V)
(mA)
(A)@8.3mS
(V)
IPP (A)
(uA)
Uni
Bi
TV04A5V0K(B)-G
5.00
6.40
7.82
10
40
9.60
41.6
800
AD
WD
TV04A5V0J(B)-G
5.00
6.46
7.07
10
40
9.20
43.5
800
AE
WE
TV04A6V0K(B)-G
6.00
6.67
8.15
10
40
11.4
35.1
800
AF
WF
TV04A6V0J(B)-G
6.00
6.67
7.37
10
40
10.3
38.0
800
AG
WG
TV04A6V5K(B)-G
6.50
7.22
8.82
10
40
12.3
32.5
500
AH
WH
TV04A6V5J(B)-G
6.50
7.22
7.98
10
40
11.2
35.7
500
AK
WK
TV04A7V0K(B)-G
7.00
7.78
9.51
1
40
13.3
30.1
200
AL
WL
TV04A7V0J(B)-G
7.00
7.78
8.60
1
40
12.0
33.3
200
AM
WM
TV04A7V5K(B)-G
7.50
8.33
10.2
1
40
14.3
28.0
100
AN
WN
TV04A7V5J(B)-G
7.50
8.33
9.21
1
40
12.9
31.0
100
AP
WP
TV04A8V0K(B)-G
8.00
8.89
10.9
1
40
15.0
26.5
50
AQ
WQ
TV04A8V0J(B)-G
8.00
8.89
9.83
1
40
13.6
29.4
50
AR
WR
TV04A8V5K(B)-G
8.55
9.44
11.5
1
40
15.9
25.1
10
AS
WS
TV04A8V5J(B)-G
8.55
9.44
10.4
1
40
14.4
27.7
10
AT
ST
TV04A9V0K(B)-G
9.00
10.0
12.2
1
40
16.9
23.6
5
AU
WU
TV04A9V0J(B)-G
9.00
10.0
11.1
1
40
15.4
26.0
5
AV
WV
TV04A100K(B)-G
10.0
11.1
13.6
1
40
18.8
21.1
5
AW
WW
TV04A100J(B)-G
10.0
11.1
12.3
1
40
17.0
23.5
5
AX
WX
TV04A110K(B)-G
11.0
12.2
14.9
1
40
20.1
20.0
5
AY
WY
TV04A110J(B)-G
11.0
12.2
13.5
1
40
18.2
22.0
5
AZ
WZ
TV04A120K(B)-G
12.0
13.3
16.3
1
40
22.0
18.1
5
BD
XD
TV04A120J(B)-G
12.0
13.3
14.7
1
40
19.9
20.1
5
BE
XE
TV04A130K(B)-G
13.0
14.4
17.6
1
40
23.8
16.8
5
BF
XF
TV04A130J(B)-G
13.0
14.4
15.9
1
40
21.5
18.6
5
BG
XG
TV04A140K(B)-G
14.0
15.6
19.1
1
40
25.8
15.5
5
BH
XH
TV04A140J(B)-G
14.0
15.6
17.2
1
40
23.2
17.2
5
BK
XK
TV04A150K(B)-G
15.0
16.7
20.4
1
40
26.9
14.8
5
BL
XL
TV04A150J(B)-G
15.0
16.7
18.5
1
40
24.4
16.4
5
BM
XM
TV04A160K(B)-G
16.0
17.8
21.8
1
40
28.8
13.8
5
BN
XN
TV04A160J(B)-G
16.0
17.8
19.7
1
40
26.0
15.3
5
BP
XP
TV04A170K(B)-G
17.0
18.9
23.1
1
40
30.5
13.1
5
BQ
XQ
TV04A170J(B)-G
17.0
18.9
20.9
1
40
27.6
14.5
5
BR
XR
TV04A180K(B)-G
18.0
20.0
24.4
1
40
32.2
12.4
5
BS
XS
TV04A180J(B)-G
18.0
20.0
22.1
1
40
29.2
13.7
5
BT
XT
TV04A200K(B)-G
20.0
22.2
27.1
1
40
35.8
11.1
5
BU
XU
TV04A200J(B)-G
20.0
22.2
24.5
1
40
32.4
12.3
5
BV
XV
TV04A220K(B)-G
22.0
24.4
29.8
1
40
39.4
10.0
5
BW
XW
TV04A220J(B)-G
22.0
24.4
26.9
1
40
35.5
11.2
5
BX
XX
TV04A240K(B)-G
24.0
26.7
32.6
1
40
43.0
9.3
5
BY
XY
TV04A240J(B)-G
24.0
26.7
29.5
1
40
38.9
10.3
5
BZ
XZ
TV04A260K(B)-G
26.0
28.9
35.3
1
40
46.6
8.6
5
CD
YD
TV04A260J(B)-G
26.0
28.9
31.9
1
40
42.1
9.5
5
CE
YE
TV04A280K(B)-G
28.0
31.1
38.0
1
40
50.0
8.0
5
CF
YF
TV04A280J(B)-G
28.0
31.1
34.4
1
40
45.4
8.8
5
CG
YG
TV04A300K(B)-G
30.0
33.3
40.7
1
40
53.5
7.5
5
CH
YH
TV04A300J(B)-G
30.0
33.3
36.8
1
40
48.4
8.3
5
CK
YK
TV04A330K(B)-G
33.0
36.7
44.9
1
40
59.0
6.8
5
CL
YL
TV04A330J(B)-G
33.0
36.7
40.6
1
40
53.3
7.5
5
CM
YM
Absolute Maximum Rating (Ta=25°C)
Part No
Electrical Characteristic (Ta=25°C)
Max. V C
Marking Code
SMD Diodes Specialist


Similar Part No. - TV04A160J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A160J-HF COMCHIP-TV04A160J-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
More results

Similar Description - TV04A160J-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
TV04A5V0 COMCHIP-TV04A5V0 Datasheet
103Kb / 4P
   SMD Transient Voltage Suppressor
TV05A5V0-G COMCHIP-TV05A5V0-G Datasheet
121Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0-HF COMCHIP-TV06B5V0-HF Datasheet
130Kb / 6P
   SMD Transient Voltage Suppressor
TV06B5V0 COMCHIP-TV06B5V0 Datasheet
116Kb / 4P
   SMD Transient Voltage Suppressor
logo
Formosa MS
SMCJ5.0 FORMOSA-SMCJ5.0 Datasheet
1Mb / 10P
   SMD Transient Voltage Suppressor
3.0SMCJ5.0 FORMOSA-3.0SMCJ5.0 Datasheet
164Kb / 4P
   SMD Transient Voltage Suppressor
SMBJ5.0 FORMOSA-SMBJ5.0 Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
logo
Comchip Technology
TV06B5V0-G COMCHIP-TV06B5V0-G_12 Datasheet
138Kb / 7P
   SMD Transient Voltage Suppressor
TVP06B6V8-G COMCHIP-TVP06B6V8-G Datasheet
117Kb / 5P
   SMD Transient Voltage Suppressor
ATV04A5V0-HF COMCHIP-ATV04A5V0-HF Datasheet
524Kb / 6P
   SMD Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com