Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB7VQ58M Datasheet(PDF) 2 Page - ON Semiconductor

Part # NB7VQ58M
Description  1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7VQ58M Datasheet(HTML) 2 Page - ON Semiconductor

  NB7VQ58M Datasheet HTML 1Page - ON Semiconductor NB7VQ58M Datasheet HTML 2Page - ON Semiconductor NB7VQ58M Datasheet HTML 3Page - ON Semiconductor NB7VQ58M Datasheet HTML 4Page - ON Semiconductor NB7VQ58M Datasheet HTML 5Page - ON Semiconductor NB7VQ58M Datasheet HTML 6Page - ON Semiconductor NB7VQ58M Datasheet HTML 7Page - ON Semiconductor NB7VQ58M Datasheet HTML 8Page - ON Semiconductor NB7VQ58M Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NB7VQ58M
http://onsemi.com
2
Figure 1. Pin Configuration (Top View)
VT1 SEL EQEN VCC
VT0 GND GND
Q
GND
GND
Q
IN0
IN0
IN1
IN1
56
7
8
16
15
14
13
12
11
10
9
1
2
3
4
NB7VQ58M
Exposed
Pad (EP)
VCC
Q
Q
VCC
75 kW
IN0
IN0
VT0
IN1
IN1
VT1
SEL
Multi−Level Inputs
LVPECL, LVDS, CML
Figure 2. Detailed Block Diagram
50 W
50 W
50 W
50 W
EQ
0
1
2:1
Mux
0
1
2:1
Mux
75 kW
EQEN
(Equalizier Enable)
VCC
GND
Table 1. EQualizer ENable FUNCTION
EQEN
Function
0
INn / INn Inputs By−pass the EQualizer section
1
Inputs flow through the EQualizer
Table 2. SELect FUNCTION TRUTH TABLE
SEL
Q
Q
L
D0
D0
H
D1
D1
Table 3. PIN DESCRIPTION
Pin
Name
I/O
Description
1
IN0
LVPECL, CML, LVDS Input
Noninverted Differential Input (Note 1)
2
IN0
LVPECL, CML, LVDS Input
Inverted Differential Input (Note 1)
3
IN1
LVPECL, CML, LVDS Input
Noninverted Differential Input (Note 1)
4
IN1
LVPECL, CML, LVDS Input
Inverted Differential Input (Note 1)
5
VT1
Internal 50 W Termination Pin for IN1/IN1
6
SEL
LVTTL/LVCMOS Input
SEL Input. Low for IN0 inputs, High for IN1 inputs. (Note 1) Pin will default HIGH when
left open (has internal pullup resistor)
7
EQEN
LVCMOS Input
Equalizer Enable Input; pin will default LOW when left open (has internal pulldown
resistor)
8
VCC
Positive Supply Voltage (Note 2)
9
Q
CML Output
Inverted Differential Output
10
GND
Negative Supply Voltage
11
GND
Negative Supply Voltage
12
Q
CML Output
Noninverted Differential Output
13
VCC
Positive Supply Voltage (Note 2)
14
GND
Negative Supply Voltage
15
GND
Negative Supply Voltage
16
VT0
Internal 50 W Termination Pin for IN0/IN0
EP
The Exposed Pad (EP) on the QFN−16 package bottom is thermally connected to the die
for improved heat transfer out of package. The exposed pad must be attached to a
heat−sinking conduit. The pad is electrically connected to the die, and must be
electrically and thermally connected to GND on the PC board.
1. In the differential configuration when the input termination pins (VT0, VT1) are connected to a common termination voltage or left open, and
if no signal is applied on IN0/IN0, IN1/IN1 inputs, then the device will be susceptible to self−oscillation. Q/Q outputs have internal 50 W source
termination resistors.
2. All VCC and GND pins must be externally connected to a power supply for proper operation.


Similar Part No. - NB7VQ58M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7VQ572MMNG ONSEMI-NB7VQ572MMNG Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7VQ572MMNR4G ONSEMI-NB7VQ572MMNR4G Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
More results

Similar Description - NB7VQ58M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB7V58M ONSEMI-NB7V58M Datasheet
164Kb / 8P
   1.8 V / 2.5 V / 3.3 V Differential 2:1 Clock / Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB6L295M ONSEMI-NB6L295M Datasheet
194Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
January, 2010 ??Rev. 4
NB6L295M ONSEMI-NB6L295M_12 Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
NB6L295MMNGEVB ONSEMI-NB6L295MMNGEVB Datasheet
199Kb / 13P
   2.5V / 3.3V Dual Channel Programmable Clock/Data Delay with Differential CML Outputs
March, 2012 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com