Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9UG9S53-TR1 Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # L9UG9S53-TR1
Description  SURFACE MOUNT TAPE AND REEL
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9UG9S53-TR1 Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  L9UG9S53-TR1 Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9UG9S53-TR1 Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9UG9S53-TR1 Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9UG9S53-TR1 Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9UG9S53-TR1 Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9UG9S53-TR1 Datasheet HTML 6Page - LIGITEK electronics co., ltd. L9UG9S53-TR1 Datasheet HTML 7Page - LIGITEK electronics co., ltd. L9UG9S53-TR1 Datasheet HTML 8Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1/7
L9UG9S53/TR1
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO.
Carrier Type Dimensions
Package Dimensions
Note : The tolerances unless mentioned is
±0.2mm,Angle± 0.5. Unit=mm.
2.7
3.0
0.7
2.0
1.4
1.3
0.7
1.3
Polarity
0.25
1.5
4.0
1.75
3.44
1.53
3.5
5.3
8.0
±0.3
2.0
4.0


Similar Part No. - L9UG9S53-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9UG9S53 LIGITEK-L9UG9S53 Datasheet
125Kb / 7P
   SURFACE MOUNT TAPE AND REEL
More results

Similar Description - L9UG9S53-TR1

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSBI9033-TR1A LIGITEK-LSBI9033-TR1A Datasheet
97Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-HH-T-TR3-09 LIGITEK-LUG9033-HH-T-TR3-09 Datasheet
244Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUG9033-TR1 LIGITEK-LUG9033-TR1 Datasheet
98Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LY9S53-TR1 LIGITEK-LY9S53-TR1 Datasheet
135Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSR9033-TR2 LIGITEK-LSR9033-TR2 Datasheet
99Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9033-TR2 LIGITEK-LHRF9033-TR2 Datasheet
131Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LHRF9553-T-TR1 LIGITEK-LHRF9553-T-TR1 Datasheet
145Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR1 LIGITEK-LSEF9033-TR1 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LSEF9033-TR2 LIGITEK-LSEF9033-TR2 Datasheet
102Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LH9353-TR1 LIGITEK-LH9353-TR1 Datasheet
133Kb / 8P
   SURFACE MOUNT TAPE AND REEL
LUY9033-TR3 LIGITEK-LUY9033-TR3 Datasheet
100Kb / 8P
   SURFACE MOUNT TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com