Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6LQ572MNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB6LQ572MNG
Description  2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6LQ572MNG Datasheet(HTML) 5 Page - ON Semiconductor

  NB6LQ572MNG Datasheet HTML 1Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 2Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 3Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 4Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 5Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 6Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 7Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 8Page - ON Semiconductor NB6LQ572MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB6LQ572
http://onsemi.com
5
Table 5. DC CHARACTERISTICS POSITIVE LVPECL OUTPUT VCC = 2.375 V to 3.6 V, GND = 0 V, TA = −40°C to +85°C
(Note 5)
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY
VCC
Power Supply Voltage
VCC = 2.5 V
VCC = 3.3 V
2.375
3.0
2.5
3.3
2.625
3.6
V
ICC
Power Supply Current for VCC (Inputs and Outputs Open)
75
110
mA
LVPECL OUTPUTS
VOH
Output HIGH Voltage (Note 6)
VCC = 2.5 V
VCC = 3.3 V
VCC – 1145
1355
2155
VCC – 900
1600
2400
VCC – 800
1700
2500
mV
VOL
Output LOW Voltage (Note 6)
VCC = 2.5 V
VCC = 3.3 V
VCC – 2000
500
1300
VCC − 1700
800
1600
VCC – 1500
1000
1800
mV
DIFFERENTIAL CLOCK INPUTS DRIVEN SINGLE−ENDED (Note 7) (Figures 5 and 6)
VIH
Single−ended Input HIGH Voltage
Vth + 100
VCC
mV
VIL
Single−ended Input LOW Voltage
GND
Vth – 100
mV
Vth
Input Threshold Reference Voltage Range (Note 8)
1100
VCC – 100
mV
VISE
Single−ended Input Voltage (VIH – VIL)
200
1200
mV
VREFAC
VREFAC
Output Reference Voltage (100 mA Load)
VCC – 1300
VCC – 1100
VCC – 900
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (Note 9) (Figures 7 and 8)
VIHD
Differential Input HIGH Voltage (INx, INx)
1200
VCC
mV
VILD
Differential Input LOW Voltage (INx, INx)
0
VIHD – 100
mV
VID
Differential Input Voltage (INx, INx) (VIHD – VILD)
100
1200
mV
VCMR
Input Common Mode Range (Differential Configuration)
(Note 10) (Figure 9)
1150
VCC – 50
mV
IIH
Input HIGH Current INx/INx (VTx/VTx Open)
−150
150
mA
IIL
Input LOW Current INx/INx (VTx/VTx Open)
−150
150
mA
CONTROL INPUT (SELx Pin)
VIH
Input HIGH Voltage for Control Pin
2.0
VCC
V
VIL
Input LOW Voltage for Control Pin
GND
0.8
V
IIH
Input HIGH Current
−150
150
mA
IIL
Input LOW Current
−150
150
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor (Measured from INx to VTx)
45
50
55
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
5. Input and Output parameters vary 1:1 with VCC.
6. LVPECL outputs loaded with 50 W to VCC − 2 V for proper operation.
7. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
8. Vth is applied to the complementary input when operating in single−ended mode.
9. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
10.VCMR min varies 1:1 with GND, VCMR max varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential
input signal.


Similar Part No. - NB6LQ572MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB6LQ572MMNG ONSEMI-NB6LQ572MMNG Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB6LQ572MMNR4G ONSEMI-NB6LQ572MMNR4G Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
More results

Similar Description - NB6LQ572MNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB7LQ572 ONSEMI-NB7LQ572 Datasheet
294Kb / 12P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 LVPECL Clock/Data Fanout / Translator
April, 2010 ??Rev. 0
NB6LQ572M ONSEMI-NB6LQ572M Datasheet
823Kb / 10P
   2.5V / 3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 0
NB7L572 ONSEMI-NB7L572 Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
December, 2008 ??Rev. 1
NB7L572 ONSEMI-NB7L572_12 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 4:1 Mux Input to 1:2 LVPECL Clock/Data Fanout / Translator
June, 2012 ??Rev. 2
NB7VQ572M ONSEMI-NB7VQ572M Datasheet
176Kb / 11P
   1.8V / 2.5V /3.3V Differential 4:1 Mux w/Input Equalizer to 1:2 CML Clock/Data Fanout / Translator
October, 2010 ??Rev. P0
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
NB7L585R ONSEMI-NB7L585R Datasheet
160Kb / 9P
   2.5V/3.3V, 7GHz/10Gbps Differential 2:1 Mux Input to 1:6 RSECL Clock/Data Fanout Buffer / Translator
October, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com