Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9SEF4333-PF Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # L9SEF4333-PF
Description  SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

L9SEF4333-PF Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  L9SEF4333-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. L9SEF4333-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. L9SEF4333-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. L9SEF4333-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. L9SEF4333-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. L9SEF4333-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Electrostatic Discharge( * )
Operating Temperature
Typical Electrical & Optical Characteristics (Ta=25
)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
L9SEF4333-PF
PART NO
AlGaInP
MATERIAL
Storage Temperature
Reverse Current @5V
Dominant
wave
length
λDnm
Luminous
intensity
@20mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Spectral
halfwidth
△λnm
Forward
voltage
@20mA(V)
COLOR
Water Clear
Orange
Emitted
Lens
17
2.6
Max.
1.7
Min.
220
Min.
88
350
Typ.
2000
-40 ~ +100
-40 ~ +85
Tstg
ESD
Topr
Ir
10
V
μA
Absolute Maximum Ratings at Ta=25
Forward Current
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Parameter
9SEF
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
IFP
PD
IF
Symbol
60
75
30
mA
mW
mA
UNIT
Page 2/5
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
*
605
PART NO. L9SEF4333-PF


Similar Part No. - L9SEF4333-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L9SEF43740-PF LIGITEK-L9SEF43740-PF Datasheet
107Kb / 6P
   SUPER BRIGHT OVAL TYPE LED LAMPS
More results

Similar Description - L9SEF4333-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LURF4733-PF LIGITEK-LURF4733-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVG4733-PF LIGITEK-LVG4733-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4630-T-PF LIGITEK-LSR4630-T-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR4733-PF LIGITEK-LSR4733-PF Datasheet
80Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LSR14140-PF LIGITEK-LSR14140-PF Datasheet
112Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LUR4733H-PF LIGITEK-LUR4733H-PF Datasheet
116Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4731-PF LIGITEK-LVY4731-PF Datasheet
172Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
L9UG4843-PF LIGITEK-L9UG4843-PF Datasheet
111Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY4733-PF LIGITEK-LVY4733-PF Datasheet
76Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LVY14140-PF LIGITEK-LVY14140-PF Datasheet
108Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LHRF4333-PF LIGITEK-LHRF4333-PF Datasheet
110Kb / 6P
   SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com