Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4208 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4208
Description  VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4208 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4208 Datasheet HTML 1Page - ON Semiconductor NCP4208 Datasheet HTML 2Page - ON Semiconductor NCP4208 Datasheet HTML 3Page - ON Semiconductor NCP4208 Datasheet HTML 4Page - ON Semiconductor NCP4208 Datasheet HTML 5Page - ON Semiconductor NCP4208 Datasheet HTML 6Page - ON Semiconductor NCP4208 Datasheet HTML 7Page - ON Semiconductor NCP4208 Datasheet HTML 8Page - ON Semiconductor NCP4208 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
NCP4208
http://onsemi.com
3
Figure 2. Application Schematic
NCP4208
10
1.0 uF
0.1 uF
1 k
1 k
1 k
1 k
1 k
1 k
1 nF
4.7 uF
1200 uF
16 V
1 uF
X7R
1 k
1 uF
X7R
1500 pF
X7R
1500 pF
X7R
82.5 k
35.7 k
100 k Thermistor
5 %
1.21 k
3.3 pF
470 pF
X7R
470 pF
X7R
32.4 k
1000 pF
0.1 uF
0.1 uF
0.1 uF
0.1 uF
1.0 uF
1.0 uF
1.0 uF
1.0 uF
1.0 uF
4.7 uF
4.7 uF
4.7 uF
4.7 uF
4.7 uF
4.7 uF
10
10
10
10
10
0.1 uF
SW1
SW2
SW3
SW4
SW5
SW6
SW7
SW8
1 k
1 k
0.1 uF
1.0 uF
4.7 uF
10
0.1 uF
1.0 uF
4.7 uF
10
SW1
SW2
SW3
SW4
SW5
SW6
SW7
SW8
POWERGOOD
Interface
ALERT
PMBus
IMON
NC
NC
SDA
SCL
ALERT
EN
GND
PWRGD
VCC3
RT
IREF
PWM4
PWM5
PWM6
PWM3
PWM7
PWM8
SW2
SW3
SW4
SW1
SW5
SW6
Vcc Sense
Vcc Sense
150 nH
150 nH
150 nH
150 nH
150 nH
150 nH
150 nH
150 nH
Vin 12 V
PSI
VTT I/O
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
BST
DRVH
IN
SW
OD
PGND
VCC
DRVL
ADP3121
1
2
3
4
8
7
6
5
Vcc Core
Vcc Core (RTN)


Similar Part No. - NCP4208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4208MNR2G ONSEMI-NCP4208MNR2G Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
More results

Similar Description - NCP4208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com