Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4208 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4208
Description  VR11.1 Programmable 8-Phase Synchronous Buck Converter with PMBus
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4208 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4208 Datasheet HTML 1Page - ON Semiconductor NCP4208 Datasheet HTML 2Page - ON Semiconductor NCP4208 Datasheet HTML 3Page - ON Semiconductor NCP4208 Datasheet HTML 4Page - ON Semiconductor NCP4208 Datasheet HTML 5Page - ON Semiconductor NCP4208 Datasheet HTML 6Page - ON Semiconductor NCP4208 Datasheet HTML 7Page - ON Semiconductor NCP4208 Datasheet HTML 8Page - ON Semiconductor NCP4208 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 0
1
Publication Order Number:
NCP4208/D
NCP4208
VR11.1 Programmable
8-Phase Synchronous Buck
Converter with PMBus
The NCP4208 is an integrated power control IC with a PMBus
interface. The NCP4208 is a highly efficient, multiphase, synchronous
buck switching regulator controller, which aids design of High
Efficiency and High Density solutions. The NCP4208 can be
programmed for 1−, 2−, 3−, 4−, 5−, 6−, 7− or 8−phase operation,
allowing for the construction of up to 8 complementary buck switching
stages.
The NCP4208 supports PSI, which is a power state indicator and
can be used to reduce the number of operating phases at light loads.
The PMBus interface enables digital programming of key system
parameters to optimize system performance and provide feedback to
the system.
The NCP4208 has a built in shunt regulator that allows the part to be
powered from the +12 V system supply through a series resistor. The
NCP4208 is specified over the extended commercial temperature
range of 0
°C to +85°C and is available in a 48 Lead QFN package.
Features
Selectable 1−, 2−, 3−, 4−, 5−, 6−, 7− or 8−Phase Operation at
Up to 1.5 MHz per Phase
Temperature Measurement
Logic−Level PWM Outputs for Interface to External High
Power Drivers
Fast−Enhanced PWM for Excellent Load Transient Performance
Active Current Balancing Between All Output Phases
Built−In Power−Good/Crowbar Blanking Supports
On−The−Fly (OTF) VID Code Changes
Digitally Programmable 0.375 V to 1.6 V Output Supports
VR11.1 Specifications
Short Circuit Protection with Latchoff Delay
Supports PSI Power Saving Mode During Light Loads
This is a Pb−Free Device
Applications
Desktop PC
Servers
http://onsemi.com
PIN ASSIGNMENT
Device*
Package
Shipping
ORDERING INFORMATION
NCP4208MNR2G
QFN48
2500/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*The “G’ suffix indicates Pb−Free package.
MARKING DIAGRAM
NCP4208
AWLYYWWG
QFN 48
CASE 485AJ
A
= Assembly Lot
WL
= Wafer Lot
YYWW = Date Code
G
= Pb−Free Package
2
PWRDG
PWM4
35
1
VCC3
PWM3
36
4
SDA
PWM6
33
NC 9
SW3
28
10
IMON
SW4
27
11
IREF
SW5
26
RT 12
SW6
25
3
PWM5
34
ALERT
5
SCL
32
PWM7
6
EN
31
PWM8
NC 829 SW2
730
GND
SW1
NCP4208
TOP VIEW
PIN 1
INDICATOR
148


Similar Part No. - NCP4208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4208MNR2G ONSEMI-NCP4208MNR2G Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
More results

Similar Description - NCP4208

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP4000 ONSEMI-ADP4000 Datasheet
454Kb / 37P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
June, 2008 -- Rev. P0
NCP4200 ONSEMI-NCP4200 Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4201MNR2G ONSEMI-NCP4201MNR2G Datasheet
313Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter with PMBus
September, 2009 ??Rev. 0
NCP4208 ONSEMI-NCP4208_13 Datasheet
303Kb / 30P
   Digital Programmable 8-Phase Synchronous Buck Converter
September, 2013 ??Rev. 5
NCP81040 ONSEMI-NCP81040 Datasheet
237Kb / 28P
   Programmable Multi-Phase Synchronous Buck Converter
October, 2015 ??Rev. 1
NCP4200 ONSEMI-NCP4200_12 Datasheet
306Kb / 32P
   Programmable Multi-Phase Synchronous Buck Converter
July, 2012 ??Rev. 5
ADP4100 ONSEMI-ADP4100 Datasheet
265Kb / 22P
   Programmable Multi-Phase Synchronous Buck Converter
March, 2008 ??Rev. P0
NCP4206 ONSEMI-NCP4206 Datasheet
312Kb / 32P
   Digital Programmable Multi-Phase Synchronous Buck Converter
September, 2013 ??Rev. 2
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
Texas Instruments
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com