Electronic Components Datasheet Search |
|
MC74HC05ADG Datasheet(PDF) 1 Page - ON Semiconductor |
|
MC74HC05ADG Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 7 page © Semiconductor Components Industries, LLC, 2009 November, 2009 − Rev. 0 1 Publication Order Number: MC74HC05A/D MC74HC05A Hex Inverter with Open Drain Outputs The MC74HC05A contains six inverters with open drain outputs. The MC74HC05A is identical to the MC74HC04A, except for the open drain outputs. The outputs can be connected to other open drain outputs to implement active LOW wired−OR or active High wired−AND logic functions. The open drain outputs require pull−up resistors to perform correctly. Features • Output Drive Capability: 10 LSTTL Loads with Suitable Pull−up Resistor • Outputs Directly Interface to CMOS, NMOS and TTL • High Noise Immunity Characteristic of CMOS Devices • Operating Voltage Range: 2.0 to 6.0 V • Low Input Current: 1 mA • In Compliance With the JEDEC Standard No. 7A Requirements • Chip Complexity: 36 FETs or 9 Equivalent Gates • These are Pb−Free Devices LOGIC DIAGRAM Y1 A1 A2 A3 A4 A5 A6 Y2 Y3 Y4 Y5 Y6 1 3 5 9 11 13 2 4 6 8 10 12 Y = A Pinout: 14−Lead Packages (Top View) 13 14 12 11 10 9 8 2 1 3 4567 VCC A6 Y6 A5 Y5 A4 Y4 A1 Y1 A2 Y2 A3 Y3 GND http://onsemi.com MARKING DIAGRAMS A = Assembly Location WL or L = Wafer Lot YY or Y = Year WW or W = Work Week G or G = Pb−Free Package TSSOP−14 DT SUFFIX CASE 948G 14 1 SOIC−14 D SUFFIX CASE 751A 14 1 HC05AG AWLYWW 1 14 HC 05 ALYWG G 1 14 14 1 PDIP−14 N SUFFIX CASE 646 MC74HC05AN AWLYYWWG 1 14 L H FUNCTION TABLE Inputs Outputs A H L Y See detailed ordering and shipping information in the package dimensions section on page 4 of this data sheet. ORDERING INFORMATION (Note: Microdot may be in either location) |
Similar Part No. - MC74HC05ADG |
|
Similar Description - MC74HC05ADG |