Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDT-5V0SR Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDT-5V0SR
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDT-5V0SR Datasheet(HTML) 4 Page - Comchip Technology

  CPDT-5V0SR Datasheet HTML 1Page - Comchip Technology CPDT-5V0SR Datasheet HTML 2Page - Comchip Technology CPDT-5V0SR Datasheet HTML 3Page - Comchip Technology CPDT-5V0SR Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMD ESD Protection Diode
SMD Diodes Specialist
Page 4
QW-BP017
REV:B
Comchip Technology CO., LTD.
Suggested PAD Layout
Marking Code
Standard Package
Case Type
Qty per Reel
(Pcs)
3000
SOT-23
Reel Size
(inch)
7
A
C
B
SIZE
(inch)
0.031
(mm)
0.80
1.90
2.02
0.075
0.080
SOT-23
2.82
0.111
A
B
C
D
Part Number
CPDT-5V0SR
Marking Code
E5SR
E5SR
3
1
2
D


Similar Part No. - CPDT-5V0SR

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0 COMCHIP-CPDT-5V0 Datasheet
98Kb / 4P
   SMD ESD Protection Diode
CPDT-5V0-HF COMCHIP-CPDT-5V0-HF Datasheet
100Kb / 4P
   SMD ESD Protection Diode
CPDT-5V0C-HF COMCHIP-CPDT-5V0C-HF Datasheet
96Kb / 4P
   SMD ESD Protection Diode
CPDT-5V0U COMCHIP-CPDT-5V0U Datasheet
168Kb / 4P
   SMD ESD Protection Diode
CPDT-5V0U COMCHIP-CPDT-5V0U Datasheet
97Kb / 4P
   SMD ESD Protection Diode
More results

Similar Description - CPDT-5V0SR

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com