Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203705B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 203705B
Description  SAW Bandpass Filter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

203705B Datasheet(HTML) 5 Page - Integrated Technology Future

  203705B Datasheet HTML 1Page - Integrated Technology Future 203705B Datasheet HTML 2Page - Integrated Technology Future 203705B Datasheet HTML 3Page - Integrated Technology Future 203705B Datasheet HTML 4Page - Integrated Technology Future 203705B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 203705B
Part No.
203705B
CH2
CH1
S21
LOG
10 dB/
REF -24.96 dB
START 110 . 000 000 MHz
STOP 400 . 000 000 MHz
203705B
3 May 2004 12:50:41
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -18 . 920 dB
132 . 900 MHz
3: -19 . 369 dB
176 . 000 MHz
Rev. Date
2004-05-04
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NW3013-CS03
5/5
S21
LOG
1 dB/
REF -20.95 dB
CENTER 212 . 500 000 MHz
SPAN
2. 000 000 MHz
3705B
Cor
20
CH4
S21
LOG
1 dB/
REF -21.48 dB
Cor
3 May 2004 12:46:53
2
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH2 Markers
BW:
1. 094904
MHz
cent
: 212 . 504282
MHz
Q: 194 . 08
1_loss : -20 . 958 dB
4
2
3
3: . 08510
dB
1. 000 000 MHz
REF=2
CH4 Markers
mean : -20 . 937 dB
s. dev : . 20070
dB
p-p : . 99190
dB
CH1
S11
20
SWR
5 /
REF 0
CENTER 212 . 500 000 MHz
SPAN
6. 000 000 MHz
3705B
Cor
CH3
SWR
5 /
REF 0
Cor
S22
3 May 2004 12:48:38
1
1: 1. 9719
212 . 500 000 MHz
2
2: 16. 111
212 . 500 000 MHz
CH1
S11
1 U FS
CENTER 212 . 500 000 MHz
SPAN
6. 000 000 MHz
203705B
Cor
CH3
S22
1 U FS
Cor
3 May 2004 12:47:44
1
1: 55. 164
36. 047
26. 998 nH
212 . 500 000 MHz
2
2: 3. 1187
-3 . 4031
220 . 08 pF
212 . 500 000 MHz


Similar Part No. - 203705B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
203702-0300 MOLEX-203702-0300 Datasheet
579Kb / 6P
   FineAdjust Applicator for Spot-On 2.0 Female Crimp Terminals
02-28-20
203702-0400 MOLEX-203702-0400 Datasheet
524Kb / 6P
   FineAdjust Applicator for Spot-On 1.5 Female Crimp Terminals
08-05-21
203702-1900 MOLEX-203702-1900 Datasheet
585Kb / 5P
   FineAdjust Applicator for 2.0 W/B Crimp Receptacle Terminal & SMEC Crimp Receptacle Terminal
01-08-20
203702-3100 MOLEX-203702-3100 Datasheet
582Kb / 6P
   FineAdjust Applicator for Nano-Fit Wire-to-Wire Plug Terminals
01-06-21
203702-3100 MOLEX-203702-3100 Datasheet
582Kb / 6P
   FineAdjust Applicator for Nano-Fit Wire-to-Wire Plug Terminals
01-06-21
More results

Similar Description - 203705B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com