Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F4348 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F4348
Description  SAW Bandpass Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F4348 Datasheet(HTML) 2 Page - Integrated Technology Future

  F4348 Datasheet HTML 1Page - Integrated Technology Future F4348 Datasheet HTML 2Page - Integrated Technology Future F4348 Datasheet HTML 3Page - Integrated Technology Future F4348 Datasheet HTML 4Page - Integrated Technology Future F4348 Datasheet HTML 5Page - Integrated Technology Future F4348 Datasheet HTML 6Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SAW Bandpass Filter F4348
Part No.
F4348
Rev. Date
2009-07-20
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS9001-AS01
2/6
Preliminary Specifications
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
Minimum
Typical
Maximum
Unit
Center Frequency ( Fc )
-
433.92
-
MHz
Insertion Loss
-
3.0
5.5
dB
3dB Bandwidth
-
0.6
MHz
Attenuation
Fc -10.7MHz
Fc -21.4MHz
15
40
30
50
-
-
dB
Frequency Temperature Coefficient
0.032
Ppm/℃
2
Temperature Range (Operational)
-30
25
85
Input/Output Impedance
50
Ohms


Similar Part No. - F4348

ManufacturerPart #DatasheetDescription
logo
Littelfuse
F434 LITTELFUSE-F434 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
F434-ND LITTELFUSE-F434-ND Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
logo
Integrated Technology F...
F4346 ITF-F4346 Datasheet
321Kb / 7P
   SAW Bandpass Filter
F4347 ITF-F4347 Datasheet
388Kb / 6P
   SAW Bandpass Filter 433.92MHz
More results

Similar Description - F4348

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com