Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA7267 Datasheet(PDF) 7 Page - Silan Microelectronics Joint-stock

Part # SA7267
Description  2CH AUDIO POWER AMPLIFIER(20W X 2)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA7267 Datasheet(HTML) 7 Page - Silan Microelectronics Joint-stock

Back Button SA7267 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA7267 Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SA7267
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2006.05.25
Http: www.silan.com.cn
Page 7 of 11
ELECTRICAL CHARACTERISTICS CURVES
Quiescent current vs. supply voltage
48
45
42
36
33
30
Frequency response
1
-0.5
-2.0
-3.5
-6.5
-8.0
-11.0
-14.0
20
200
2,000
-5.0
200,000
20,000
VS(±V)
Freq(Hz)
Output power vs. supply voltage
20
16
12
4
0
THD vs. output power
Vs(±V)
Pout (W)
0.1
0.01
0.001
0
6
8
10 12
14 16
18
20
4
2
1
8
4
6
8
10
12
14
16
18
20
4
6
8
10
12
14
16
18
20
39
-12.5
-9.5
Vs=±20V
RL=8.2
0dB=1W
THD=10%
THD=1%
RL=8
F=1KHz
f=15KHz
f=100Hz
f=1KHz
Vs=±20V
RL=8.2
Quiescent current vs. pin 5 voltage
50
45
35
30
25
20
10
5
0
Attenuation vs. pin 5 voltage
Vpin 5(V)
-7
-6
-5
-4
-3
-2
-1
0
15
40
Vs=±20V
RL=8
x 2
0V=+Vs
Vi=0
180
140
120
100
80
40
20
0
-7
-6
-5
-4
-3
-2
-1
0
60
160
Vpin 5(V)
F=1KHz
Vs=±20V
RL=8.2
0dB=1W
0V=+Vs
(To be continued)


Similar Part No. - SA7267

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA7264 SILAN-SA7264 Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264A SILAN-SA7264A Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7264B SILAN-SA7264B Datasheet
378Kb / 12P
   2CH AUDIO POWER AMPLIFIER(25W X2 )
SA7265 SILAN-SA7265 Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
SA7265A SILAN-SA7265A Datasheet
383Kb / 11P
   2CH AUDIO POWER AMPLIFIER(25W X2)
More results

Similar Description - SA7267

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210AHQ TOSHIBA-TA8210AHQ Datasheet
940Kb / 14P
   20W BTL 횞 2ch Audio Power Amplifier
logo
Silan Microelectronics ...
SC7422 SILAN-SC7422 Datasheet
169Kb / 8P
   2CH AUDIO POWER AMPLIFIER (W x 2)
SA7496L SILAN-SA7496L Datasheet
279Kb / 9P
   2CH AUDIO POWER AMPLIFIER(2W X 2)
logo
Toshiba Semiconductor
TA8233BH TOSHIBA-TA8233BH Datasheet
1Mb / 14P
   30W BTL X 2ch Audio Power Amplifier
TA8233AH TOSHIBA-TA8233AH Datasheet
645Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8210H TOSHIBA-TA8210H Datasheet
740Kb / 11P
   22W BTL x 2CH AUDIO POWER AMPLIFIER
1990-6-12
TA8221AH TOSHIBA-TA8221AH Datasheet
594Kb / 13P
   30W BTL x 2CH AUDIO POWER AMPLIFIER
TA8246H TOSHIBA-TA8246H Datasheet
370Kb / 10P
   DUAL AUDIO POWER AMPLIFIER 6W x 2CH
TA8201AH TOSHIBA-TA8201AH Datasheet
488Kb / 11P
   18W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com