Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRM2H100T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRM2H100T3G
Description  Surface Mount Schottky Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM2H100T3G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRM2H100T3G Datasheet HTML 1Page - ON Semiconductor MBRM2H100T3G Datasheet HTML 2Page - ON Semiconductor MBRM2H100T3G Datasheet HTML 3Page - ON Semiconductor MBRM2H100T3G Datasheet HTML 4Page - ON Semiconductor MBRM2H100T3G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRM2H100T3G
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
0.8
0.6
0.4
0
0.2
0.1
1
10
100
1.8
1.4
1.2
1.0
0.8
0.6
0.4
0.1
1
10
100
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
VR, REVERSE VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
90
80
60
50
30
20
10
0
0.00001
0.0001
0.001
0.01
0.1
1
10
90
80
60
50
30
20
10
0
1.2
1.4
1.0
150°C 125°C
25°C
40
70
100
150°C
125°C
25°C
40
70
100
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
0.2
0
150°C 125°C
25°C
0.00001
0.0001
0.001
0.01
0.1
1
10
150°C
125°C
25°C
1.6
1.6
TL, LEAD TEMPERATURE (°C)
165
150
145
140
135
0
0.5
1.0
1.5
2.0
dc
Square Wave
155
170
160
RqJL = 12°C/W
IO, AVERAGE FORWARD CURRENT (A)
1
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1
TJ = 175°C
dc
Square Wave
175
1.6
1.4
1.2
2.5
3.0
3.5
4.0
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
1.8 2 2.2 2.4 2.6 2.8 3


Similar Part No. - MBRM2H100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM2H100T3G ONSEMI-MBRM2H100T3G Datasheet
108Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2014 ??Rev. 2
MBRM2H100T3G ONSEMI-MBRM2H100T3G_14 Datasheet
108Kb / 5P
   Surface Mount Schottky Power Rectifier
January, 2014 ??Rev. 2
More results

Similar Description - MBRM2H100T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com