Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3256 Datasheet(PDF) 2 Page - Integrated Technology Future

Part # F3256
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F3256 Datasheet(HTML) 2 Page - Integrated Technology Future

  F3256 Datasheet HTML 1Page - Integrated Technology Future F3256 Datasheet HTML 2Page - Integrated Technology Future F3256 Datasheet HTML 3Page - Integrated Technology Future F3256 Datasheet HTML 4Page - Integrated Technology Future F3256 Datasheet HTML 5Page - Integrated Technology Future F3256 Datasheet HTML 6Page - Integrated Technology Future F3256 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SAW Bandpass Filter F3256
Part No.
F3256
Specifications
Fc = 325.3MHz
Terminating source impedance
: 50
Ω
Terminating load impedance
: 50
Ω
Minimum
Typical
Maximum
Center Frequency ( Fc )
MHz
-
325.3
-
Insertion Loss (Fc +/- 3.3 MHz)
dB
-
3.0
3.5
Amplitude Ripple (Fc +/- 3.3 MHz)
dB
-
1.0
2.0
Absolute Group Delay at Fc
nsec
-
80
-
Group Delay Variation (Fc +/- 3.3 MHz)
nsec
-
50
-
VSWR (Fc +/- 3.3 MHz)
-
1.5
2.0
Relative Attenuation
~ Fc - 40 MHz
Fc + 40 MHz ~
dB
50
50
55
55
-
Temperature Coefficient of Frequency
ppm/°C
-
-80
-
Notes :
1) All specifications are based on the matching schematic shown below, measured by Agilent Network analyzer and
full 2 port calibration.
2) Electrical margin has been built into the design to account for the variations due to temperature drift and manufacturing
tolerances
3) All attenuation measurements are measured relative to insertion loss
Rev. Date
2004-04-12
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NS3002-AS01
2/7


Similar Part No. - F3256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
F325 VECTRON-F325 Datasheet
35Kb / 3P
   Standard 4-Pin DIP Package Enable Function
More results

Similar Description - F3256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com