Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F9533 Datasheet(PDF) 1 Page - Integrated Technology Future

Part # F9533
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9533 Datasheet(HTML) 1 Page - Integrated Technology Future

  F9533 Datasheet HTML 1Page - Integrated Technology Future F9533 Datasheet HTML 2Page - Integrated Technology Future F9533 Datasheet HTML 3Page - Integrated Technology Future F9533 Datasheet HTML 4Page - Integrated Technology Future F9533 Datasheet HTML 5Page - Integrated Technology Future F9533 Datasheet HTML 6Page - Integrated Technology Future F9533 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SAW Bandpass Filter F9533
Part No.
F9533
Rev. Date
2008-08-07
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR8006-AS01
1/7
0.44
3.80±0.15
1.00±0.15
1.90±0.15
1
2
3
6
6
5
1
2
3
5
4
4
Features
RF bandpass filter for RF-ID System
Usable bandwidth 2 MHz (952.0 MHz ~ 954.0 MHz)
single-ended operation
Ceramic Surface Mounted Device Package ( 3.8 mm × 3.8 mm )
RoHS Compliant
Package Dimensions
Dimensions shown are nominal in millimeters
Body : Al2O3 Ceramic
Lid : Kovar, Ni Plated
Terminations : Au plating 0.3 ~ 1.0 um, Over a 1.27 ~ 8.89 um
Ni Plating
Maximum Ratings
Parameters
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-30
25
85
Storage Temperature Range
°C
-40
-
85
Power Handling Capability
dBm
-
-
20
Electrostatics Sensitive Device (ESD)
Pin Configurations
2
Input
5
Output
1, 3, 4, 6
Case ground
ITF
9533
8H1


Similar Part No. - F9533

ManufacturerPart #DatasheetDescription
logo
International Rectifier
F9530N IRF-F9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
More results

Similar Description - F9533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com