Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F9533 Datasheet(PDF) 6 Page - Integrated Technology Future

Part # F9533
Description  SAW Bandpass Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

F9533 Datasheet(HTML) 6 Page - Integrated Technology Future

  F9533 Datasheet HTML 1Page - Integrated Technology Future F9533 Datasheet HTML 2Page - Integrated Technology Future F9533 Datasheet HTML 3Page - Integrated Technology Future F9533 Datasheet HTML 4Page - Integrated Technology Future F9533 Datasheet HTML 5Page - Integrated Technology Future F9533 Datasheet HTML 6Page - Integrated Technology Future F9533 Datasheet HTML 7Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SAW Bandpass Filter F9533
Part No.
F9533
Rev. Date
2008-08-07
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NR8006-AS01
6/7
Packing Specification
1. Reeling Quantity : 3000 pcs / 13” reel ( or 1000 pcs / 7” reel )
2. Taping Structure : The tape shall be wound around the reel in the direction shown below.
Tape Specification
1. Leader part and vacant position specification
2. Tensile strength of carrier tape
4.4N/mm width
3. Top cover tape adhesion
1) pull off angle : 0~15°
2) speed : 300mm/min
3) force : 20~70g
REEL
REEL
REEL
REEL
TOP COVER TAPE
TOP COVER TAPE
TOP COVER TAPE
TOP COVER TAPE
CARRIER TAPE
CARRIER TAPE
CARRIER TAPE
CARRIER TAPE
END
END
END
END
START
START
START
START
Tape Running Direction
Vacant
150mm min.
Component
contained
Vacant
150mm min.
Leader part
250mm min.
0~15 degree
Top cover tape
Direction of pull
Carrier tape


Similar Part No. - F9533

ManufacturerPart #DatasheetDescription
logo
International Rectifier
F9530N IRF-F9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
More results

Similar Description - F9533

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMXS142 ETC-TMXS142 Datasheet
255Kb / 5P
   SAW BANDPASS FILTER
logo
Integrated Technology F...
202163B ITF-202163B Datasheet
199Kb / 5P
   SAW Bandpass Filter
270802B ITF-270802B Datasheet
199Kb / 5P
   SAW Bandpass Filter
205303B ITF-205303B Datasheet
211Kb / 5P
   SAW Bandpass Filter
202548B ITF-202548B Datasheet
200Kb / 5P
   SAW Bandpass Filter
204153C ITF-204153C Datasheet
210Kb / 5P
   SAW Bandpass Filter
251404B ITF-251404B Datasheet
194Kb / 5P
   SAW Bandpass Filter
203306B ITF-203306B Datasheet
221Kb / 5P
   SAW Bandpass Filter
272001B ITF-272001B Datasheet
200Kb / 5P
   SAW Bandpass Filter
250904B ITF-250904B Datasheet
200Kb / 5P
   SAW Bandpass Filter
251401B ITF-251401B Datasheet
200Kb / 5P
   SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com