Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF10L60CTG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MBRF10L60CTG
Description  SWITCHMODE??Power Rectifier 60 V, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF10L60CTG Datasheet(HTML) 6 Page - ON Semiconductor

  MBRF10L60CTG Datasheet HTML 1Page - ON Semiconductor MBRF10L60CTG Datasheet HTML 2Page - ON Semiconductor MBRF10L60CTG Datasheet HTML 3Page - ON Semiconductor MBRF10L60CTG Datasheet HTML 4Page - ON Semiconductor MBRF10L60CTG Datasheet HTML 5Page - ON Semiconductor MBRF10L60CTG Datasheet HTML 6Page - ON Semiconductor MBRF10L60CTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MBR10L60CT, MBRF10L60CT
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AF
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
STYLE 6:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.014
0.025
0.36
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J


Similar Part No. - MBRF10L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF10L60CTG ONSEMI-MBRF10L60CTG Datasheet
88Kb / 7P
   Switch.mode Power Rectifier
July, 2016 ??Rev. 2
More results

Similar Description - MBRF10L60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR30L60CT ONSEMI-MBR30L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 30 A
December, 2008 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBRB30H60CT-1 ONSEMI-MBRB30H60CT-1 Datasheet
58Kb / 6P
   SWITCHMODE Power Rectifier 60 V, 30 A
April, 2006 ??Rev. 0
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR60L45CTG ONSEMI-MBR60L45CTG Datasheet
112Kb / 5P
   SWITCHMODE Power Rectifier 45 V, 60 A
March, 2007 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBRF10H150CTG ONSEMI-MBRF10H150CTG Datasheet
100Kb / 5P
   SWITCHMODE??Power Rectifier 150 V, 10 A
April, 2008 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com